Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2119ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP2119ACPZ-R7
Description  2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2119ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP2119ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADP2119/ADP2120
Rev. 0 | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
10
EN
ADP2119/ADP2120
EXPOSED
PAD
1
VIN
9
SYNC/MODE
2
PVIN
8
PGOOD
3
SW
7
TRK
4
PGND
6
FB
5
GND
NOTES
1. THE EXPOSED PAD SHOULD BE SOLDERED TO
AN EXTERNAL GROUND PLANE UNDERNEATH
THE IC FOR THERMAL DISSIPATION.
Figure 3. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIN
Bias Voltage Input Pin. Connect a bypass capacitor (0.1 μF minimum) between this pin and GND and a
small (10 Ω) resistor between this pin and PVIN.
2
PVIN
Power Input Pin. Connect this pin to the input power source. Connect a bypass capacitor between this pin and PGND.
3
SW
Switch Node Output. Connect this pin to the output inductor.
4
PGND
Power Ground. Connect this pin to the power ground plane and to the high current return for the power MOSFET.
5
GND
Analog Ground. Connect this pin to the ground plane.
6
FB
Feedback Voltage Sense Input. Connect this pin to a resistor divider from VOUT. For the fixed output version,
connect to VOUT directly.
7
TRK
Tracking Input. To track a master voltage, drive TRK from a resistor divider from the master voltage. If the
tracking function is not used, connect TRK to VIN.
8
PGOOD
Power-Good Output (Open Drain). Connect this pin to a resistor to any pull-up voltage < 5.5 V.
9
SYNC/MODE
Synchronization Input (SYNC). Connect this pin to an external clock between 1 MHz and 2 MHz to synchronize
the switching frequency to the external clock (see the Oscillator and Synchronization section for details).
FPWM/PFM Selection (MODE). When this pin is connected to VIN, the PFM mode is disabled and the part works
in continuous conduction mode (CCM) only. When this pin is connected to ground, the PFM mode is enabled
and becomes active at light loads.
10
EN
Precision Threshold Enable Input Pin. An external resistor divider can be used to set the turn-on threshold. To
enable the part automatically, connect the EN pin to VIN. This pin has a 1 MΩ pull-down resistor to GND.
EPAD
Exposed Pad
The exposed pad should be soldered to an external ground plane underneath the IC for thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com