Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2119ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2119ACPZ-R7
Description  2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2119ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2119ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADP2119/ADP2120
Rev. 0 | Page 19 of 24
Higher or lower inductor and output capacitor values can be
used in the regulator, but the system stability and load transient
performance need to be checked. The minimum output capacitor
is 22 μF for the ADP2119 and 10 μF for the ADP2120, and the
inductor range is 1 μH to 3.3 μH.
Table 7. Recommended Inductors
Manufacturer
Part Number
Sumida
CDRH5D18BHPNP, CDR6D23MNNP
TOKO
DE4518C, D62LCB
Coilcraft
LPS5030, LPS5015
Table 8. Recommended Capacitors
Manufacturer
Part Number
Description
Murata
GRM31CR60J226KE19
22 μF, 6.3 V, X5R, 1206
Murata
GRM319R60J106KE19
10 μF, 6.3 V, X5R, 1206
TDK
C3216X5R0J226M
22 μF, 6.3 V, X5R, 1206
TDK
C3216X5R0J106M
10 μF, 6.3 V, X5R, 1206
INPUT CAPACITOR SELECTION
The input capacitor reduces the input voltage ripple caused by the
switch current on PVIN. Place the input capacitor as close as
possible to the PVIN pin. A 10 μF or 22 μF ceramic capacitor is
recommended. The rms current rating of the input capacitor
should be larger than calculated by the following equation:
)
1
(
D
D
I
I
O
RMS
−
×
×
=
VOLTAGE TRACKING
The ADP2119/ADP2120 include a tracking feature that allows
the output (slave voltage) to be configured to track an external
voltage (master voltage), as shown in Figure 51.
ADP2119/
ADP2120
TRK
FB
VMASTER
RTRKB
RTRKT
RBOT
RTOP
VSLAVE
Figure 51. Voltage Tracking
A common application is coincident tracking (see Figure 52).
Coincident tracking limits the slave output voltage to be the
same as the master voltage until it reaches regulation. Connect
the TRK pin to a resistor divider from the master voltage. For
coincident tracking, set RTRKT = RTOP and RTRKB = RBOT.
TIME
VMASTER
VSLAVE
Figure 52. Coincident Tracking
Ratiometric tracking is shown in Figure 53. The slave output is
limited to a fraction of the master voltage. In this application,
the slave and master voltages reach the final value at the same
time. The ratio of the slave output voltage to the master voltage
is a function of the two dividers (see the following equation).
TRKB
TRKT
BOT
TOP
MASTER
SLAVE
R
R
R
R
V
V
+
+
=
1
1
TIME
VMASTER
VSLAVE
Figure 53. Ratiometric Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com