Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2119ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2119ACPZ-R7
Description  2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2119ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2119ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADP2119/ADP2120
Rev. 0 | Page 15 of 24
FUNCTIONAL BLOCK DIAGRAM
NMOS
CURRENT
SENSE
AMPLIFIER
ZERO-CROSSING
COMPARATOR
PGND
PVIN
PMOS CURRENT
SENSE AMPLIFIER
0.6V
ERROR
AMPLIFIER
0.54V
FB
SLOPE
COMPENSATION
OSCILLATOR
SKIP MODE
THRESHOLD
SKIP
COMPARATOR
SYNC/MODE
PWM AND
PROTECTION
LOGIC
CONTROL
CLK
SW
EN
UVLO
VIN
PFET
NFET
GND
TRK
ZCOMP
0.66V
PGOOD
SOFT
START
Gm
ADP2119/
ADP2120
Figure 49. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com