Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2119ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2119ACPZ-R7
Description  2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2119ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2119ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2 A/1.25 A, 1.2 MHz, Synchronous,
Step-Down DC-to-DC Regulators
ADP2119/ADP2120
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Continuous output current
ADP2119: 2 A
ADP2120: 1.25 A
145 mΩ and 70 mΩ integrated MOSFETs
Input voltage range from 2.3 V to 5.5 V
Output voltage from 0.6 V to VIN
±1.5% output accuracy
1.2 MHz fixed switching frequency
Synchronizable between 1 MHz and 2 MHz
Selectable PWM or PFM mode operation
Current mode architecture
Precision threshold enable input
Power-good flag
Voltage tracking
Integrated soft start
Internal compensation
Startup with precharged output
UVLO, OVP, OCP, and thermal shutdown
10-lead, 3 mm × 3 mm LFCSP_WD package
APPLICATIONS
Point of load conversion
Communications and networking equipment
Industrial and instrumentation
Consumer electronics
Medical applications
TYPICAL APPLICATION CIRCUIT
10
EN
ADP2119/ADP2120
1
VIN
9
SYNC/MODE
2
PVIN
8
PGOOD
3
SW
7
TRK
4
PGND
6
FB
5
GND
R2
10k
Ω
VIN
5V
CIN
22µF
X5R
6.3V
COUT
22µF
X5R
6.3V
C1
0.1µF
R1
10
Ω
RBOT
2.21k
Ω
VOUT
3.3V
L
1.5µH
RTOP
10k
Ω
Figure 1.
GENERAL DESCRIPTION
The ADP2119/ADP2120 are low quiescent current, synchronous,
step-down dc-to-dc regulators in a compact 3 mm × 3 mm
LFCSP_WD package. Both devices use a current mode, constant
frequency pulse-width modulation (PWM) control scheme for
excellent stability and transient response. Under light load conditions,
they can be configured to operate in a pulse frequency modulation
(PFM) mode, which reduces switching frequency to save power.
The ADP2119/ADP2120 support input voltages from 2.3 V to
5.5 V. The output voltage can be adjusted from 0.6 V up to the
input voltage (VIN) for the adjustable version, whereas the fixed
output version is available in preset output voltage options of 3.3 V,
2.5 V, 1.8 V, 1.5 V, 1.2 V, and 1.0 V. The ADP2119/ADP2120 require
minimal external parts and provide a high efficiency solution with
their integrated power switches, synchronous rectifiers, and internal
compensation. Each IC draws less than 2 μA current from the input
source when it is disabled. Other key features include undervoltage
lockout (UVLO), integrated soft start to limit inrush current at
startup, overvoltage protection (OVP), overcurrent protection
(OCP), and thermal shutdown (TSD).
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
OUTPUT CURRENT (A)
PFM
FPWM
VIN = 5V
VOUT = 1.8V
Figure 2. ADP2119 Efficiency vs. Output Current


Similar Part No. - ADP2119ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2114-2PH-EVALZ AD-ADP2114-2PH-EVALZ Datasheet
2Mb / 40P
Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2114-EVALZ AD-ADP2114-EVALZ Datasheet
2Mb / 40P
Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2114ACPZ-R7 AD-ADP2114ACPZ-R7 Datasheet
2Mb / 40P
Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
More results

Similar Description - ADP2119ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2118 AD-ADP2118 Datasheet
1Mb / 24P
3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
REV. 0
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
3 A Synchronous DC-DC Step down Regulator
logo
Texas Instruments
LM3281 TI1-LM3281 Datasheet
1Mb / 26P
3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
TPS62040 TI1-TPS62040_16 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com