Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPRS Datasheet(PDF) 4 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # GPRS
Description  Tracker
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

GPRS Datasheet(HTML) 4 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  GPRS Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
www.rf-data.com
Fax: 86-755-83408785
sales02@rf-data.com
4
4 Specifications
Content
Specifications.
Dim.
78.4mm x 45.4 mm x 16.5mm
Weight
40g
Network
GSM/GPRS
Band
900/1800/1900Mhz or 850/900/1800/1900Mhz
GPS chip
SiRF III chip
GSM/GPRS
module
SIMCOM 300 OR SIMCOM 340
GPS sensitivity
-159dBm
GPS accuracy
5m
Time To First Fix
Reacquisition
0.1s
Cold status
45s
Warm status
35s
Hot status
1s
Car charger
12—24V
input
5V
output
Wall charger
110-220V
input
5V
output
Battery
Chargeable changeable 3.7V 1100mAh Li-ion battery
Standby
72hours
Storage Temp.
-40°C to +85°C
Operation Temp.
-20°C to +55°C
Humidity
5%--95% non-condensing
5 How to Use
5.1 SIM card installation
Make sure there is no call transfer and call display on, and keep PIN code off.
The message must be in Text format, can’t be identified by PDU format.
Steps:
1 Open the rear cover, and take out the battery.
2 Put up the foil
Push the foil to the
left side. Then you
can open it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com