Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPRS Datasheet(PDF) 6 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # GPRS
Description  Tracker
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

GPRS Datasheet(HTML) 6 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Back Button GPRS Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 10Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
www.rf-data.com
Fax: 86-755-83408785
sales02@rf-data.com
6
every two seconds, the GPS is standby. When the blue indicator is off, the
tracker is working but doesn’t get position yet. If the tracker gets the
position, the blue indicator will be on all the time.
2. The blue indicator (in the middle) is the charge led. The indicator blinks
means the device is on charge. After the device is full of electricity, the
indicator will be on all the time.
3. The red indicator (on the right) represents GSM working status. Red
indicator blinks, GSM is working. If you want to test the device, please
put it outside of the window.
● Test this device by a mobile phone:
When the device receives GPS signals and GPS position normally, you
can use it and do all the following settings.
5.4 Initialization
Send “begin+password” in SMS to the device, it will reply “begin ok” and
initialize all the settings. (Default password: 123456)
5.5 Quick set up
5. 5. 1 Test device by mobile phone:
1. Send SMS “telephone123456” to the number (the SIM card number which
you insert into the device). A message “set telephone ok.” will be sent back
to your mobile phone.
2. Send SMS “tracker123456” to the device. The same, a message “tracker
ok” will be sent back.
3. Two ways to test the device.
a. Call the number (the SIM card number in the device), the device will cut



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com