Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPRS Datasheet(PDF) 11 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # GPRS
Description  Tracker
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

GPRS Datasheet(HTML) 11 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Back Button GPRS Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 10Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 11Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 12Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 13Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 14Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 15Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
www.rf-data.com
Fax: 86-755-83408785
sales02@rf-data.com
11
a. Set up: When the device stays immobile in a place for 3-10 minutes, the user
can
Send
SMS
‘stockade+password+space+latitude,longitude;
latitude,longitude’ to the device to set the restricted district. In case of breach,
it will send SMS “stockade!+geo-info” to the authorized numbers.
For
example
password
is
123456:
Send
SMS
“stockade123456
22.548123,114.081234; 22.549123,114.082234”to the device.
Remark: The first latitude & longitude is coordinate of the top left corner of
the Geo-fence, while the second latitude & longitude is the coordinate
of the bottom right corner. It will alarm one time in each setting.
b. Cancel: Send SMS ‘nostockade+password’ to deactivate this function. This
function will be out of effect after the device moves outside the district.
5.13 Movement alert
a. Set up: When the device stays immobile in a place for 3-10 minutes, the user
can send SMS’ move+password’ to the device, then the device will reply
“move ok!”. In case of such a movement, it sends SMS “Move” along with a
Geo-info to the authorized numbers. It will alarm one time in each setting.
b. Cancel: Send SMS ‘nomove+password’ to deactivate the movement alert.
Remark: This function will be out of effect after the device moves outside the
district.
5.14 Overspeed alert:
a. Set up: Send SMS ‘speed+password+space+080’ to the device (suppose the
speed is 80km/h), and it will reply “speed ok!”. When the target moves
exceeding 80 km/h, the device will send SMS speed+080!+Geo-info to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com