Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPRS Datasheet(PDF) 10 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # GPRS
Description  Tracker
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

GPRS Datasheet(HTML) 10 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Back Button GPRS Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 10Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 11Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 12Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 13Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPRS Datasheet HTML 14Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
www.rf-data.com
Fax: 86-755-83408785
sales02@rf-data.com
10
Report a Geo-info at 30s (minute: m; hour: h) intervals to the authorized numbers
for 5 times:
a. Set up: Send SMS ‘at30sum15’ to the device, it will report the Geo-info at 30s
intervals for 15 times. (s: second, m: minute, h: hour). The setting must be in
5 digits and at maximum 65535 in value.
b. Send SMS ‘at60sum0’to the device, it will reply SMS heaps of times
c. Cancel: Send SMS ‘noat+password’ to delete the auto track .For example For
example password is 123456: Send SMS’noat123456’
5.10 Voice Surveillance
In this mode, the user can dial up the device to monitor the voice (please refer
to 5.9 for instruction).
5.11 Modes switch between “track” and “monitor”
a. The default mode is “track”.
b. Send SMS ‘monitor+password’ to the device, and it will reply “monitor
ok!” and switch to “monitor”mode. For example password is123456, Send
SMS:’monitor123456’
c. Send SMS ‘tracker+password’ to the device, it will reply “tracker ok!” and
restore to
“track” mode.
For example password is 123456:
Send
SMS ’tracker123456’
5.12 Geo-fence
Set up a geo-fence for the device to restrict its movements within a district. The
device will send message to the authorized numbers when it breaches the
district.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com