Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5645 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5645
Description  UHF to S Band Low-Noise Amplifier and OSC Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5645 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5645 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC5645
No.6588-2/6
VCE=3V
1V
0
0
2
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
IT02250
IT02252
IT02254
IT02251
IT02253
IT02255
4
6
8
10
1
3
2
4
5
0
0
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
0.2
0.4
0.6
0.8
1.0
1.2
20
30
10
10
Collector Current, IC -- mA
hFE -- IC
1.0
2
35
7
3
5
7
2
35
7
10
100
100
2
3
5
1000
7
2
3
5
7
1.0
Collector Current, IC -- mA
f T -- IC
23
5
7
10
23
5
7
100
1.0
2
3
5
7
2
3
5
7
100
10
0.1
0.1
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
1.0
2
3
5
7
2
3
5
7
10
2
3
5
7
1.0
0.1
Collector-to-Base Voltage, VCB -- V
Cre -- VCB
2
3
57
2
3
57
1.0
10
0.1
2
3
5
7
1.0
IB=0
0.05mA
0.04mA
0.03mA
0.02mA
0.01mA
VCE=3V
1V
VCE=3V
1V
f=1MHz
f=1MHz
IT02256
IT02257
S21e2 -- IC
1.0
Collector Current, IC -- mA
S21e2 -- IC
2
3
5
7
2
3
5
7
10
100
0
2
4
6
8
18
16
14
12
10
1.0
Collector Current, IC -- mA
10
23
5
7
23
5
7
100
0
2
4
6
8
10
12
14
18
16
f=1GHz
VCE
=3V
1V
f=2GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com