Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5645 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5645
Description  UHF to S Band Low-Noise Amplifier and OSC Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5645 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5645 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC5645
No.6588-4/6
VCE=1V, IC=10mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.709
--49.8
15.927
143.7
0.043
64.8
0.811
--34.2
400
0.565
--84.6
11.658
121.5
0.064
52.7
0.605
--54.7
600
0.484
--107.0
8.751
107.8
0.078
49.2
0.477
--66.3
800
0.435
--123.1
6.913
98.8
0.086
49.8
0.397
--73.6
1000
0.408
--135.0
5.714
91.7
0.097
50.7
0.356
--79.1
1200
0.390
--144.5
4.851
86.1
0.107
50.7
0.327
--83.0
1400
0.386
--152.0
4.211
81.2
0.115
51.8
0.307
--86.6
1600
0.380
--158.3
3.720
76.6
0.128
52.3
0.296
--89.0
1800
0.377
--164.1
3.347
72.4
0.138
53.3
0.287
--91.6
2000
0.377
--168.0
3.040
68.5
0.148
53.4
0.289
--92.7
2200
0.373
--172.1
2.780
64.8
0.160
53.0
0.290
--94.2
2400
0.372
--175.7
2.571
61.5
0.173
53.1
0.295
--98.2
2600
0.367
--178.3
2.397
57.8
0.182
53.7
0.274
--97.0
2800
0.365
178.9
2.231
55.1
0.197
53.9
0.291
--91.5
3000
0.367
176.1
2.136
52.3
0.209
52.1
0.351
--95.0
VCE=1V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.571
--71.7
17.704
133.8
0.038
60.1
0.677
--42.5
400
0.472
--110.6
11.551
112.1
0.053
51.3
0.465
--61.1
600
0.434
--132.2
8.287
100.3
0.065
52.2
0.359
--70.5
800
0.415
--145.7
6.393
92.4
0.076
54.2
0.303
--76.0
1000
0.405
--155.0
5.241
86.4
0.085
55.7
0.275
--80.7
1200
0.402
--162.7
4.397
81.2
0.096
57.3
0.258
--84.0
1400
0.404
--168.4
3.800
76.4
0.108
58.5
0.251
--86.9
1600
0.402
--173.4
3.349
72.2
0.122
58.8
0.249
--88.8
1800
0.403
--176.9
3.012
68.1
0.133
58.7
0.248
--92.0
2000
0.401
--179.8
2.722
64.5
0.145
58.7
0.253
--92.5
2200
0.401
176.6
2.498
60.9
0.158
58.4
0.264
--94.4
2400
0.404
173.7
2.297
57.8
0.169
57.9
0.272
--97.7
2600
0.401
171.4
2.151
54.3
0.182
58.6
0.254
--97.0
2800
0.396
169.5
2.012
51.8
0.199
58.0
0.273
--91.6
3000
0.400
167.2
1.919
48.9
0.211
56.0
0.337
--95.4
VCE=3V, IC=1mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.978
--11.3
3.288
167.6
0.041
80.9
0.973
--8.8
400
0.951
--22.6
3.167
156.1
0.078
72.6
0.950
--17.2
600
0.898
--33.0
2.983
146.6
0.109
62.5
0.897
--24.6
800
0.837
--42.3
2.805
132.8
0.137
56.1
0.858
--32.8
1000
0.805
--53.1
2.683
123.8
0.160
51.5
0.828
--39.1
1200
0.748
--60.9
2.484
116.0
0.178
46.6
0.794
--44.1
1400
0.707
--68.6
2.299
107.5
0.192
41.9
0.758
--50.0
1600
0.653
--77.0
2.152
99.1
0.202
38.4
0.720
--54.7
1800
0.599
--82.1
2.028
93.8
0.211
34.6
0.698
--58.4
2000
0.570
--90.8
1.913
85.2
0.212
32.7
0.659
--62.2
2200
0.519
--94.9
1.830
80.7
0.223
30.6
0.660
--65.2
2400
0.510
--102.7
1.775
72.9
0.223
28.5
0.635
--70.2
2600
0.458
--108.1
1.659
68.4
0.229
27.1
0.614
--71.9
2800
0.462
--113.4
1.644
62.7
0.224
27.2
0.596
--74.0
3000
0.428
--119.8
1.568
56.7
0.241
28.1
0.630
--74.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com