Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5645 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5645
Description  UHF to S Band Low-Noise Amplifier and OSC Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5645 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5645 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5645
No.6588-3/6
1.0
0
1.0
0.5
1.5
Collector Current, IC -- mA
NF -- IC
IT02258
2.0
2.5
3.0
4.0
3.5
5.0
4.5
5
3
2
7
5
3
2
10
0
0
20
Ambient Temperature, Ta --
°C
PC -- Ta
IT02259
40
60
100
80
120
40
20
100
120
60
80
140
160
VCE=3V
1V
f=2GHz
S Parameters (Common emitter)
VCE=1V, IC=1mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.971
--13.1
3.176
166.5
0.047
79.7
0.975
--10.2
400
0.939
--25.7
3.090
153.7
0.089
70.4
0.946
--19.8
600
0.872
--36.9
2.916
142.1
0.123
59.5
0.878
--28.0
800
0.806
--49.0
2.622
131.1
0.155
53.0
0.838
--36.8
1000
0.782
--59.2
2.581
121.1
0.179
47.6
0.798
--43.8
1200
0.711
--69.6
2.440
111.0
0.193
42.4
0.757
--49.3
1400
0.656
--78.1
2.242
102.3
0.210
38.1
0.721
--55.4
1600
0.617
--86.0
2.116
95.2
0.220
34.0
0.682
--60.1
1800
0.551
--93.3
1.997
86.9
0.224
31.4
0.660
--63.8
2000
0.537
--100.8
1.848
82.7
0.228
27.8
0.615
--68.1
2200
0.482
--108.2
1.816
74.4
0.233
27.4
0.620
--70.7
2400
0.472
--113.9
1.663
69.5
0.238
24.0
0.591
--76.3
2600
0.439
--122.5
1.647
63.6
0.236
24.0
0.574
--77.5
2800
0.425
--126.1
1.529
58.2
0.239
23.0
0.554
--80.4
3000
0.423
--134.7
1.523
53.3
0.247
24.2
0.588
--80.3
VCE=1V, IC=5mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.828
--34.4
11.283
152.9
0.046
70.9
0.899
--25.1
400
0.701
--62.6
9.573
131.4
0.076
57.2
0.743
--44.4
600
0.599
--83.6
7.640
116.9
0.098
49.6
0.613
--57.0
800
0.522
--100.4
6.319
105.7
0.108
45.7
0.528
--65.6
1000
0.475
--112.6
5.241
98.5
0.119
44.0
0.458
--72.6
1200
0.436
--124.0
4.498
92.0
0.125
43.4
0.423
--76.9
1400
0.420
--132.7
3.954
86.0
0.131
44.9
0.404
--80.1
1600
0.401
--141.0
3.503
80.7
0.140
45.2
0.378
--83.7
1800
0.391
--147.6
3.186
75.8
0.148
45.6
0.369
--86.0
2000
0.387
--152.3
2.887
71.5
0.157
45.6
0.357
--88.6
2200
0.378
--158.0
2.663
67.2
0.168
45.3
0.353
--90.4
2400
0.377
--161.6
2.482
63.4
0.175
45.7
0.352
--94.5
2600
0.370
--166.2
2.298
59.8
0.181
46.2
0.329
--93.8
2800
0.365
--170.2
2.136
57.1
0.193
47.3
0.343
--89.8
3000
0.364
--172.7
2.045
54.0
0.206
46.9
0.400
--93.3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com