Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5645 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5645
Description  UHF to S Band Low-Noise Amplifier and OSC Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5645 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5645 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC5645
No.6588-1/6
UHF to S Band Low-Noise Amplifier
and OSC Applications
Features
•
Low noise : NF=1.5dB typ (f=2GHz).
•
High cutoff frequency
: fT=10GHz typ (VCE=1V).
: fT=12.5GHz typ (VCE=3V).
•
Low-voltage operating .
•
High gain :
S21e2=9.5dB typ (f=2GHz).
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
9V
Collector-to-Emitter Voltage
VCEO
4V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
30
mA
Collector Dissipation
PC
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=5V, IE=0
1.0
µA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0
10
µA
DC Current Gain
hFE
VCE=1V, IC=5mA
100
160
Gain-Bandwidth Product
fT1VCE=1V, IC=5mA
8
10
GHz
fT2VCE=3V, IC=15mA
12.5
GHz
Output Capacitance
Cob
VCE=1V, f=1MHz
0.55
0.7
pF
Reverse Transfer Capacitance
Cre
VCE=1V, f=1MHz
0.4
pF
Forward Transfer Gain
S21e2 1VCE=1V, IC=5mA, f=2GHz
8
9.5
dB
S21e2 2VCE=3V, IC=15mA, f=2GHz
10.5
dB
Noise Figure
NF
VCE=1V, IC=3mA, f=2GHz
1.5
2.3
dB
Marking : NF
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
2SC5645
Package Dimensions
unit : mm
2106A
[2SC5645]
90100 TS IM TA-3001
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Epitaxial Planar Silicon Transistor
1 : Base
2 : Emitter
3 : Collector
SANYO : SMCP
2
3
0.2
1.6
0.3
0.5 0.5
1
0.75
0.6
0 to 0.1
0.1
Ordering number : ENN6588


Similar Part No. - 2SC5645

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5646 SANYO-2SC5646 Datasheet
31Kb / 6P
UHF to S Band Low-Noise Amplifier andOSC Applications
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5646A SANYO-2SC5646A Datasheet
444Kb / 9P
UHF to S-Band Low-Noise Amplifier, OSC Applications
logo
ON Semiconductor
2SC5646A ONSEMI-2SC5646A Datasheet
437Kb / 9P
RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
August, 2013
2SC5646A-TL-H ONSEMI-2SC5646A-TL-H Datasheet
437Kb / 9P
RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
August, 2013
More results

Similar Description - 2SC5645

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H06B SANYO-EC3H06B Datasheet
44Kb / 5P
UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H07B SANYO-EC3H07B Datasheet
33Kb / 6P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5647 SANYO-2SC5647 Datasheet
36Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5245A SANYO-2SC5245A Datasheet
63Kb / 6P
UHF to S-Band Low-Noise Amplifier OSC Applications
EC3H07BA SANYO-EC3H07BA Datasheet
99Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5245A SANYO-2SC5245A_12 Datasheet
458Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
UHF to S-Band Low-Noise Amplifier, OSC Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com