Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2004-CS Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2004-CS
Description  2.2W x 2 Class-D Audio Power Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2004-CS Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2004-CS Datasheet HTML 1Page - Princeton Technology Corp PT2004-CS Datasheet HTML 2Page - Princeton Technology Corp PT2004-CS Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PT2004
2.2W x 2 Class-D Audio Power Amplifier
Tel: 886-66296288‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
The PT2004 is a CLASS-D power amplifier designed
for audio equipments, maximum output power can
reach up to 2.2W x 2 (VDD=5V, RL=4Ω, THD=10%).
The PT2004 composed of exclusively designed
CLASS-D circuitry (patented) by PTC, along with the
most advanced semi-conductor fabricate technology.
When compared to the traditional CLASS-AB
amplifiers, the PT2004’s shows much higher efficiency
(> 80%), low heat dissipation, and also performs
superior audio quality.
The PT2004’s external circuitry is simple and easily
accessible, and consists of flawless self-protection
capabilities. The chip’s packaging is small, thus it
occupies an insignificant amount of space on the
circuit board; therefore, making it the predominant
choice when it comes to audio amplifiers.
APPLICATIONS
• Mobile phone
• Portable Media Player
• Personal Navigation Device
• Hands-free phone
FEATURES
• CMOS Technology
• Stereo differential analogue input
• Maximum output power 2.2W(4Ω) × 2 @ THD=10%
• Output low-pass LC filter is not necessary
• Low EMI radiation, CISPR 22 regulation Compliant
• 4 level voltage gain selection
• Contains shutdown function for individual channel
• Fast start-up time (3.5ms) when shutdown awake up
• Built-in short circuit protection
• Built-in over-temperature protection
• High efficiency (85%, 8Ω load), low heat dissipation
• Wafer level WLCSP 16 balls package
BLOCK DIAGRAM
PT2004 internal block diagram (diagram shows single channel only)
A1
R4
R3
INL+
INL-
A2
Vref
SQ -WAVE
Generator
Vref
A3
Vref
Comp
Gate
Driver
PVDD
OUTL+
PGND
PVDD
OUTL-
PGND
And
Control
Logic
G1
SDR
Power
Management
R1
R2
G0
SDL
Vref
AGND
AVDD
300K
300K


Similar Part No. - PT2004-CS

ManufacturerPart #DatasheetDescription
logo
Alfatronix Ltd
PT200 ALFATRONIX-PT200 Datasheet
172Kb / 2P
PowerTector Series Low Voltage Disconnect
PT200 ALFATRONIX-PT200 Datasheet
106Kb / 2P
Solid State Battery GuardS
PT200-T ALFATRONIX-PT200-T Datasheet
106Kb / 2P
Solid State Battery GuardS
logo
NXP Semiconductors
PT2000 NXP-PT2000 Datasheet
3Mb / 148P
Programmable solenoid controller
Rev. 12, 1/2019
logo
Turck, Inc.
PT2000PSIG-13-LI3-H1131 TURCK-PT2000PSIG-13-LI3-H1131 Datasheet
104Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
More results

Similar Description - PT2004-CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
161Kb / 17P
Stereo 2.2W Audio Power Amplifier
APA4863 ANPEC-APA4863_09 Datasheet
286Kb / 17P
Stereo 2.2W Audio Power Amplifier
logo
Princeton Technology Co...
PT2002 PTC-PT2002 Datasheet
240Kb / 4P
3CH, 2.2W, Class-D Audio Power Amplifier
logo
International Rectifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
50W/2 x 2 Channel Class D Audio Power Amplifier
logo
Princeton Technology Co...
PT2832 PTC-PT2832 Datasheet
309Kb / 5P
22W x 2, Class-D Audio Power Amplifier
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
15W x 2, Class-D Audio Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com