Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2260-R4 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2260-R4
Description  Remote Control Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2260-R4 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2260-R4 Datasheet HTML 1Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 2Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 3Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 4Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 5Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 6Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 7Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 8Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2260 V1.4
- 4 -
April, 2006
Remote Control Encoder
PT2260
PIN CONFIGURATION
Pin Name
I/O
Description
Pin No.
A0 ~ A7
I
Code Address Pin Nos. 0 ~ 7
These eight tri-state pins are detected by PT2260 to
determine the encoded waveform bit 0 ~ bit 7. Each bit can
be set to “0”, “1”, or “f” (floating).
1 ~ 8
A8/D3 ~ A9/D2
I/PL*
Code Address Pin No. 8 ~ 9/Data Pin No. 3 ~ 2.
These two tri-state pins are detected by PT2260 to
determine the encoded waveform bit 8 ~ bit 9. When these
pins are used as address pins (as in PT2260-R2), they can
be set to “0”, “1”, or “f” (floating). When these pins are used
as data pins (as in PT2260-R4), they can only be set to “0”
or “1”.
10 ~ 11
D1, D0
I/PL
Data Pin No. 1/0.
These pins can only be set to “0” or “1”
12, 13
OSC
I
Oscillator Pin
A resistor connected between the Osc Pin and the Vcc
determines the fundamental frequency of the PT2260
14
DOUT
O
Data Output Pin.
The encoded waveform is serially outputted to this pin.
When PT2260 is not transmitting, DOUT outputs low (Vss)
voltage
15
Vcc
Positive Power Supply
16
Vss
Negative Power Supply
9
Note:
PL -- Pull-low Resistor is connected internally
PL* -- If those two pins are used as Data Pins (PT2260-R2), pull-low resistor is connected internally;
otherwise, no pull-low resistor is connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com