Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2260-R4 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2260-R4
Description  Remote Control Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2260-R4 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT2260-R4 Datasheet HTML 3Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 4Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 5Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 6Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 7Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 8Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 9Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 10Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2260 V1.4
- 7 -
April, 2006
Remote Control Encoder
PT2260
SINGLE OSCILLATOR
The built-in oscillator circuitry of PT2260 allows a precision oscillator to be constructed by connecting
an external resistor between OSC and Vcc pins. For PT2270 (or PT2272) to decode correctly the
received waveform, the oscillator frequency of PT2270 (or PT2272) must be 1/16 ~ 4 (or 1/16 ~ 1/4)
times that of the transmitting PT2260. The typical oscillator frequency with various resistor values for
PT2260, PT2270, and PT2272 are shown below:
Encoder (PT2260) OSC Frequency
Decoder (PT2270) OSC Frequency
500
400
300
250
200
100
1
2
3
4
5
6
7
8
9 10 11
R=2 M
R=1 M
R=820 K
Voltage(V)
0
20
40
60
80
100
120
140
160
180
0
5
10
15
Voltage(Vcc)
OSC Resistor = 510 K
Ohms
OSC Resistor = 1.0 M
Ohms
OSC Resistor = 1.2 M
Ohms
OSC Resistor = 2.2 M
Ohms
Decoder (PT2272) OSC Frequency
1000
100
10
(KHz)
3
6
9
12
15
Voltage(V)
R = 100 K
R = 240 K
R = 510 K
R = 1 M
R = 2 M
Suggested Oscillator resistor values are shown below.
PT2260
PT2272
PT2270
820KΩ
510KΩ
1MΩ
1MΩ
620KΩ
1.2MΩ
2MΩ
1.2MΩ
2.2MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com