Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2260-R4 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2260-R4
Description  Remote Control Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2260-R4 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2260-R4 Datasheet HTML 1Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 2Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 3Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 4Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 5Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 6Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 7Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 8Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2260 V1.4
- 1 -
April, 2006
Remote Control Encoder
PT2260
DESCRIPTION
PT2260 is a remote control encoder paired with either PT2270 or PT2272 utilizing CMOS Technology.
It encodes data and address pins into a serial coded waveform suitable for RF modulation. PT2260 has
a maximum of 10 bits tri-state address pins providing up to 59,049 (or 310) address codes; thereby,
drastically reducing any code collision and unauthorized code scanning possibilities.
PT2260 is one of the first generation of Encoder/Decoder ICs that utilizes the unique PTC Technology.
When paired with PT2270, this encoder/decoder (PT2260/PT2270) pair can operate at very wide
temperature range (see Features). Thus, this very important feature enables your Encoder/Decoder to
operate under the worst environmental condition.
FEATURES
• High performance CMOS technology
• Low power consumption
• Very high noise immunity
• Wide operating temperature range: -40℃ ~ 85℃
• 8 or 10 Tri-State code address pins
• 2 or 4 data pins
• Wider range of operating voltage: 1.8 ~ 10.0V
• Single resistor oscillator
• Least external components
APPLICATIONS
• Home/Car security system
• Garage door controller
• Remote fan controller
• Remote control toys


Similar Part No. - PT2260-R4

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260-R4 PTC-PT2260-R4 Datasheet
118Kb / 2P
REMOTE CONTROL ENCODER?
More results

Similar Description - PT2260-R4

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
Remote Control Encoder
2nd Oct 97
logo
Silan Microelectronics ...
SC5260-R2 SILAN-SC5260-R2 Datasheet
137Kb / 8P
REMOTE CONTROL ENCODER
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
REMOTE CONTROL ENCODER
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2262 PTC-PT2262_08 Datasheet
462Kb / 20P
Remote Control Encoder
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026_09 Datasheet
112Kb / 12P
Remote Control Encoder
February 20, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com