Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2260-R4 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2260-R4
Description  Remote Control Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2260-R4 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT2260-R4 Datasheet HTML 2Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 3Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 4Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 5Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 6Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 7Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 8Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 9Page - Princeton Technology Corp PT2260-R4 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2260 V1.4
- 6 -
April, 2006
Remote Control Encoder
PT2260
CODE WORD
A group of Code Bits is called a Code Word. A Code Word consists of 12 AD bits followed by one Sync.
Bit. The 12 AD bits are determined by the corresponding states of A0 ~ A7, A8/D3, A9/D2, D1 and D0
pins at the time of transmission. When the Data Type of PT2260 is used, the address bits will decrease
accordingly.
For example: In the 4-Data Type where the address has eight (8) bits, the transmitting format is:
8 Address Bits
4 Data Bits
Sync. bit
PT2260 has a maximum of ten (10) Address Bits. The following diagram shows the code bits with their
corresponding pins.
A0
A1
A2
A3
A4
A5
A6
A7
A8/D3
A9/D2
D1
A0
SYNC. BIT
One Complete Code Word
2 Data: A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 D1 D0 Sync Bit
4 Data: A0 A1 A2 A3 A4 A5 A6 A7 D3 D2 D1 D0 Sync Bit
The Code Bits A0 ~ A7, A8/D3, A9/D2, D1 and D0 are determined by the states set at these pins. For
example, when the A0 (Pin No.1) is set to “1” (Vcc), the Code Bit A0 is synthesized as “1” bit. In the
same manner, when it (A0 Pin) is set to “0” (Vss) or left floating, the Code Bit A0 is synthesized as a “0”
or “f” bit respectively.
When PT2260 detects “1” on any of the Data pins, it outputs a Code Word at DOUT. If the Data Pin is
still in high state (“1”) the time the Code Word transmission ends, PT2260 outputs the same Code
Word. Please refer to the diagram below:
1 Code Word
1 Code Word 1 Code Word 1 Code Word
DATA PIN
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com