Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2M121ANDD Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R5F2M121ANDD
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M121ANDD Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R5F2M121ANDD Datasheet HTML 33Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 34Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 35Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 36Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 37Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 38Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 39Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 40Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
4. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 37 of 45
Aug 25, 2010
Notes:
1. Vcc = 2.7 V to 4.0 V, single-chip mode, output pins are open, and other pins are connected to Vss.
2. When the XIN input is a square wave.
3. Vcc = 3.0 V
4. Set the system clock to 10 MHz or 4 MHz with the PHISEL register.
Table 4.20
DC Characteristics (4) [2.7 V
≤ Vcc < 4.0 V]
(Topr = -20
°C to 85 °C (N version)/-40 °C to 85 °C (D version), unless otherwise
specified)
Symbol
Parameter
Condition
Unit
Oscillation
Circuit
On-Chip Oscillator
CPU
Clock
Low-Power-
Consumption
Setting
Other
Standard
XIN (2)
High-
Speed
Low-
Speed
Min.
Typ. (3)
Max.
ICC
Power
supply
current (1)
High-speed
clock mode
20 MHz
Off
125 kHz
No
division
——
3.0
7.0
mA
16 MHz
Off
125 kHz
No
division
——
2.5
6.0
mA
10 MHz
Off
125 kHz
No
division
——
1.6
5.0
mA
20 MHz
Off
125 kHz
Division
by 8
——
1.5
—
mA
16 MHz
Off
125 kHz
Division
by 8
——
1.2
—
mA
10 MHz
Off
125 kHz
Division
by 8
——
0.9
4.5
mA
High-speed
on-chip
oscillator
mode
Off
20 MHz
125 kHz
No
division
—3.5
7.5
mA
Off
20 MHz
125 kHz
Division
by 8
—2.0
—
mA
Off
10 MHz (4)
125 kHz
No
division
—2.2
—
mA
Off
10 MHz (4)
125 kHz
Division
by 8
—1.4
—
mA
Off
4 MHz (4)
125 kHz
Division
by 16
MSTTRC = 1
—
1.0
—
mA
Low-speed
on-chip
oscillator
mode
Off
Off
125 kHz
Division
by 8
FMR27 = 1
LPE = 0
—60
260
µA
Wait mode
Off
Off
125 kHz
—
VC1E = 0
VC0E = 0
LPE = 1
Peripheral
clock supplied
during WAIT
instruction
execution
—15
90
µA
Off
Off
125 kHz
—
VC1E = 0
VC0E = 0
LPE = 1
WCKSTP = 1
Peripheral
clock stopped
during WAIT
instruction
execution
—4.0
80
µA
Stop mode
Off
Off
Off
—
VC1E = 0
VC0E = 0
STPM = 1
Topr = 25
°C
Peripheral
clock stopped
—1.0
4.0
µA
Off
Off
Off
—
VC1E = 0
VC0E = 0
STPM = 1
Topr = 85
°C
Peripheral
clock stopped
—1.5
—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com