Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2M121ANDD Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R5F2M121ANDD
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M121ANDD Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R5F2M121ANDD Datasheet HTML 14Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 15Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 16Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 17Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 18Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 19Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 20Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 21Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
3. Address Space
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 18 of 45
Aug 25, 2010
Notes:
1. The blank areas are reserved. No access is allowed.
2. The TCNT16 bit in the TRBMR register is 0.
3. The TCNT16 bit in the TRBMR register is 1.
Table 3.4
SFR Information (4) (1)
Address
Register Name
Symbol
After Reset
000C0h
000C1h
Open-Drain Control Register 1
POD1
00h
000C2h
000C3h
Open-Drain Control Register 3
POD3
00h
000C4h
Open-Drain Control Register 4
POD4
00h
000C5h
Port PA Mode Control Register
PAMCR
00010001b
000C6h
000C7h
000C8h
Port 1 Function Mapping Register 0
PML1
00h
000C9h
Port 1 Function Mapping Register 1
PMH1
00h
000CAh
000CBh
000CCh
Port 3 Function Mapping Register 0
PML3
00h
000CDh
Port 3 Function Mapping Register 1
PMH3
00h
000CEh
Port 4 Function Mapping Register 0
PML4
00h
000CFh
Port 4 Function Mapping Register 1
PMH4
00h
000D0h
000D1h
Port 1 Function Mapping Expansion Register
PMH1E
00h
000D2h
000D3h
000D4h
000D5h
Port 4 Function Mapping Expansion Register
PMH4E
00h
000D6h
000D7h
000D8h
Timer RJ Counter Register
TRJ
FFh
000D9h
FFh
000DAh
Timer RJ Control Register
TRJCR
00h
000DBh
Timer RJ I/O Control Register
TRJIOC
00h
000DCh
Timer RJ Mode Register
TRJMR
00h
000DDh
Timer RJ Event Select Register
TRJISR
00h
000DEh
Timer RJ Interrupt Request and Status Register
TRJIR
00h
000DFh
000E0h
Timer RB Control Register
TRBCR
00h
000E1h
Timer RB One-Shot Control Register
TRBOCR
00h
000E2h
Timer RB I/O Control Register
TRBIOC
00h
000E3h
Timer RB Mode Register
TRBMR
00h
000E4h
Timer RB Prescaler Register (2)
Timer RB Primary/Secondary Register (Lower 8 Bits) (3)
TRBPRE
FFh
000E5h
Timer RB Primary Register (2)
Timer RB Primary Register (Higher 8 Bits) (3)
TRBPR
FFh
000E6h
Timer RB Secondary Register (2)
Timer RB Secondary Register (Higher 8 Bits) (3)
TRBSC
FFh
000E7h
Timer RB Interrupt Request and Status Register
TRBIR
00h
000E8h
Timer RC Counter
TRCCNT
00h
000E9h
00h
000EAh
Timer RC General Register A
TRCGRA
FFh
000EBh
FFh
000ECh
Timer RC General Register B
TRCGRB
FFh
000EDh
FFh
000EEh
Timer RC General Register C
TRCGRC
FFh
000EFh
FFh
000F0h
Timer RC General Register D
TRCGRD
FFh
000F1h
FFh
000F2h
Timer RC Mode Register
TRCMR
01001000b
000F3h
Timer RC Control Register 1
TRCCR1
00h
000F4h
Timer RC Interrupt Enable Register
TRCIER
01110000b
000F5h
Timer RC Status Register
TRCSR
01110000b
000F6h
Timer RC I/O Control Register 0
TRCIOR0
10001000b
000F7h
Timer RC I/O Control Register 1
TRCIOR1
10001000b
000F8h
Timer RC Control Register 2
TRCCR2
00011000b
000F9h
Timer RC Digital Filter Function Select Register
TRCDF
00h
000FAh
Timer RC Output Enable Register
TRCOER
01111111b
000FBh
Timer RC A/D Conversion Trigger Control Register
TRCADCR
11110000b
000FCh
Timer RC Waveform Output Manipulation Register
TRCOPR
00h
000FDh
000FEh
000FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com