Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2M121ANDD Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R5F2M121ANDD
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M121ANDD Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R5F2M121ANDD Datasheet HTML 21Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 22Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 23Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 24Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 25Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 26Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 27Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 28Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
4. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 25 of 45
Aug 25, 2010
Notes:
1. Vcc = 1.8 V to 5.5 V and Topr = -20
°C to 85 °C (N version)/-40 °C to 85 °C (D version), unless otherwise specified.
2. The average output current indicates the average value of current measured during 100 ms.
3. For details, see Table 4.10 High-Speed On-Chip Oscillator Circuit Electrical Characteristics.
4. For details, see Table 4.11 Low-Speed On-Chip Oscillator Circuit Electrical Characteristics.
5. The pins with high drive capacity are P1_2, P1_3, P1_4, P1_5, P3_3, P3_4, P3_5, and P3_7.
Figure 4.1
Ports P1, P3, and P4 Timing Measurement Circuit
Table 4.2
Recommended Operating Conditions
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VCC/AVCC
Power supply voltage
1.8
—
5.5
V
VSS/AVSS
Power supply voltage
—
0
—
V
VIH
Input high voltage
Other than CMOS input
0.8 Vcc
—
Vcc
V
CMOS input
4.0 V
≤ Vcc ≤ 5.5 V
0.65 Vcc
—
Vcc
V
2.7 V
≤ Vcc < 4.0 V
0.7 Vcc
—
Vcc
V
1.8 V
≤ Vcc < 2.7 V
0.8 Vcc
—
Vcc
V
VIL
Input low voltage
Other than CMOS input
0
—
0.2 Vcc
V
CMOS input
4.0 V
≤ Vcc ≤ 5.5 V
0
—
0.4 Vcc
V
2.7 V
≤ Vcc < 4.0 V
0
—
0.3 Vcc
V
1.8 V
≤ Vcc < 2.7 V
0
—
0.2 Vcc
V
IOH(sum)
Peak sum output high
current
Sum of all pins IOH(peak)
—
—
-160
mA
IOH(sum)
Average sum output high
current
Sum of all pins IOH(avg)
——
-80
mA
IOH(peak)
Peak output high current
When drive capacity is low
—
—
-10
mA
When drive capacity is high (5)
——
-40
mA
IOH(avg)
Average output high current
When drive capacity is low
—
—
-5
mA
When drive capacity is high (5)
——
-20
mA
IOL(sum)
Peak sum output low
current
Sum of all pins IOL(peak)
—
—
160
mA
IOL(sum)
Average sum output low
current
Sum of all pins IOL(avg)
——
80
mA
IOL(peak)
Peak output low current
When drive capacity is low
—
—
10
mA
When drive capacity is high (5)
——
40
mA
IOL(avg)
Average output low current
When drive capacity is low
—
—
5
mA
When drive capacity is high (5)
——
20
mA
f(XIN)
XIN oscillation frequency
2.7 V
≤ Vcc ≤ 5.5 V
2
—
20
MHz
1.8 V
≤ Vcc < 2.7 V
2
—
5
MHz
XIN clock input oscillation frequency
2.7 V
≤ Vcc ≤ 5.5 V
0
—
20
MHz
1.8 V
≤ Vcc < 2.7 V
0
—
5
MHz
fHOCO
High-speed on-chip oscillator oscillation frequency (3) 1.8 V ≤ Vcc ≤ 5.5 V
—
20
—
MHz
fLOCO
Low-speed on-chip oscillator oscillation frequency (4) 1.8 V ≤ Vcc ≤ 5.5 V
—
125
—
kHz
—
System clock frequency
2.7 V
≤ Vcc ≤ 5.5 V
—
—
20
MHz
1.8 V
≤ Vcc < 2.7 V
—
—
5
MHz
fs
CPU clock frequency
2.7 V
≤ Vcc ≤ 5.5 V
0
—
20
MHz
1.8 V
≤ Vcc < 2.7 V
0
—
5
MHz
P1
P3
P4
30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com