Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2M121ANDD Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F2M121ANDD
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M121ANDD Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F2M121ANDD Datasheet HTML 1Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 2Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 3Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 4Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 5Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 6Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 7Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 8Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
R01DS0010EJ0010 Rev.0.10
Page 1 of 45
Aug 25, 2010
R8C/M11A Group, R8C/M12A Group
RENESAS MCU
Preliminary Datasheet
Specifications in this document are tentative and subject to change.
1.
Overview
1.1
Features
The R8C/M11A Group and R8C/M12A Group of single-chip microcontrollers (MCUs) incorporate the R8C CPU
core, which provides sophisticated instructions for a high level of efficiency. With 1 Mbyte of address space, the
CPU core is capable of executing instructions at high speed. In addition, it features a multiplier for high-speed
arithmetic processing.
Power consumption is low, and additional power control is possible by selecting the operating mode. These MCUs
are designed to suppress unnecessary radiation of noise and improve noise tolerance with countermeasure circuits.
Integration of many peripheral functions on the same chip, including multifunction timer and serial interface,
reduces the number of system components.
The R8C/M11A Group and R8C/M12A Group include data flash (1 KB × 2 blocks).
1.1.1
Applications
Home appliances, office equipment, audio equipment, consumer products, etc.
R01DS0010EJ0010
Rev.0.10
Aug 25, 2010


Similar Part No. - R5F2M121ANDD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2M131BDFP RENESAS-R5F2M131BDFP Datasheet
755Kb / 51P
The R8C/M13B Group of single-chip microcontrollers
R5F2M131BNFP RENESAS-R5F2M131BNFP Datasheet
755Kb / 51P
The R8C/M13B Group of single-chip microcontrollers
R5F2M132BDFP RENESAS-R5F2M132BDFP Datasheet
755Kb / 51P
The R8C/M13B Group of single-chip microcontrollers
R5F2M132BNFP RENESAS-R5F2M132BNFP Datasheet
755Kb / 51P
The R8C/M13B Group of single-chip microcontrollers
R5F2M134BDFP RENESAS-R5F2M134BDFP Datasheet
755Kb / 51P
The R8C/M13B Group of single-chip microcontrollers
More results

Similar Description - R5F2M121ANDD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com