Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66GD Datasheet(PDF) 22 Page - NXP Semiconductors

Part # 74LVC2G66GD
Description  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G66GD Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button 74LVC2G66GD Datasheet HTML 18Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 19Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 20Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 21Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 22Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 23Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 24Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 25Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 26Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 16 June 2010
22 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
Fig 30. Package outline SOT902-1 (XQFN8U)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT902-1
MO-255
- - -
- - -
SOT902-1
05-11-25
07-11-14
UNIT
A
max
mm
0.5
A1
0.25
0.15
0.05
0.00
1.65
1.55
0.35
0.25
0.15
0.05
DIMENSIONS (mm are the original dimensions)
XQFN8U: plastic extremely thin quad flat package; no leads;
8 terminals; UTLP based; body 1.6 x 1.6 x 0.5 mm
b
DL
e1
1.65
1.55
e
E
L1
v
0.1
0.55
0.5
w
0.05
y
0.05
0.05
y1
0
1
2 mm
scale
X
C
y
C
y1
terminal 1
index area
terminal 1
index area
B
A
D
E
detail X
A
A1
b
8
7
6
5
e1
e1
e
e
A
C
B
∅ v M
C
∅ w M
4
1
2
3
L
L1
metal area
not for soldering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com