Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66GD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC2G66GD
Description  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G66GD Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC2G66GD Datasheet HTML 1Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 2Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 3Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 4Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 5Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 6Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 7Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 8Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 16 June 2010
5 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
9.
Recommended operating conditions
[1]
To avoid sinking GND current from terminal nZ when switch current flows in terminal nY, the voltage drop across the bidirectional switch
must not exceed 0.4 V. If the switch current flows into terminal nZ, no GND current will flow from terminal nY. In this case, there is no
limit for the voltage drop across the switch.
[2]
For overvoltage tolerant switch voltage capability, refer to 74LVCV2G66.
[3]
Applies to control signal levels.
10. Static characteristics
Table 6.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VSW
switch voltage
[1][2] 0VCC
V
Tamb
ambient temperature
−40
+125
°C
Δt/ΔV
input transition rise and fall rate
VCC =1.65Vto 2.7V
[3] -
20
ns/V
VCC = 2.7 V to 5.5 V
[3] -
10
ns/V
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.65 V to 1.95 V
0.65
× V
CC
-
-
0.65
× V
CC
-V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V to 5.5 V
0.7
× V
CC
-
-
0.7
× V
CC
-V
VIL
LOW-level
input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
× V
CC
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
× V
CC
-0.3
× V
CC
V
II
input leakage
current
pin nE; VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
[2]
-
±0.1
±5-
±100
μA
IS(OFF)
OFF-state
leakage
current
VCC = 5.5 V; see Figure 8
[2]
-
±0.1
±5-
±200
μA
IS(ON)
ON-state
leakage
current
VCC = 5.5 V; see Figure 9
[2]
-
±0.1
±5-
±200
μA
ICC
supply current
VI = 5.5 V or GND;
VSW =GND or VCC;
VCC =1.65Vto 5.5V
[2]
-
0.1
10
-
200
μA
ΔI
CC
additional
supply current
pin nE; VI =VCC − 0.6 V;
VSW =GND or VCC;
VCC =5.5 V
[2]
-5
500
-
5000
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com