Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66GD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2G66GD
Description  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G66GD Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2G66GD Datasheet HTML 1Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 2Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 3Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 4Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 5Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 6Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 7Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 8Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1.
General description
The 74LVC2G66 is a low-power, low-voltage, high-speed Si-gate CMOS device.
The 74LVC2G66 provides two single pole, single-throw analog switch functions. Each
switch has two input/output terminals (nY and nZ) and an active HIGH enable input (nE).
When nE is LOW, the analog switch is turned off.
Schmitt-trigger action at the enable inputs makes the circuit tolerant of slower input rise
and fall times across the entire VCC range from 1.65 V to 5.5 V.
2.
Features and benefits
Wide supply voltage range from 1.65 V to 5.5 V
Very low ON resistance:
7.5
Ω (typical) at V
CC =2.7 V
6.5
Ω (typical) at V
CC =3.3 V
6
Ω (typical) at V
CC =5V
Switch current capability of 32 mA
High noise immunity
CMOS low power consumption
TTL interface compatibility at 3.3 V
Latch-up performance meets requirements of JESD78 Class I
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Enable input accepts voltages up to 5.5 V
Multiple package options
Specified from
−40 °Cto+85 °C and −40 °Cto+125 °C
74LVC2G66
Bilateral switch
Rev. 5 — 16 June 2010
Product data sheet


Similar Part No. - 74LVC2G66GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G66GD NXP-74LVC2G66GD Datasheet
147Kb / 24P
Bilateral switch
Rev. 04-1 July 2008
More results

Similar Description - 74LVC2G66GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
BILATERAL SWITCH
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
BILATERAL SWITCH
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
BILATERAL SWITCH
U74HC1G66 UTC-U74HC1G66_15 Datasheet
196Kb / 6P
BILATERAL SWITCH
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
Bilateral switch
Rev. 12 - 12 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com