Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66GD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC2G66GD
Description  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G66GD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC2G66GD Datasheet HTML 5Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 6Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 7Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 8Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 9Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 10Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 11Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 12Page - NXP Semiconductors 74LVC2G66GD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 16 June 2010
9 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
Fig 14. ON resistance as a function of input voltage;
VCC =2.7 V
Fig 15. ON resistance as a function of input voltage;
VCC =3.3 V
001aaa709
VI (V)
0
3.0
2.0
1.0
2.5
1.5
0.5
9
7
11
13
RON
(
Ω)
5
(1)
(2)
(3)
(4)
VI (V)
04
3
12
001aaa710
6
8
10
RON
(
Ω)
4
(1)
(2)
(3)
(4)
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
Fig 16. ON resistance as a function of input voltage; VCC =5.0 V
VI (V)
05
4
23
1
001aaa711
5
4
6
7
RON
(
Ω)
3
(2)
(4)
(1)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com