Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8602MMX Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8602MMX
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8602MMX Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMP8602MMX Datasheet HTML 12Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 13Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 14Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 15Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 16Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 17Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 18Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 19Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
R
2 can be calculated based on the desired value of Q as the
first step of the design procedure with the following equation:
For the gain of 5 for the LMP8602 this results in:
For the gain of 10 for the LMP8603 this is:
For instance, the value of Q can be set to 0.5
√2 to create a
Butterworth response, to 1/
√3 to create a Bessel response,
or a 0.5 to create a critically damped response. Once the
value of R
2 has been found, the second and last step of the
design procedure is to calculate the required value of C to give
the desired low-pass cut-off frequency using:
Which for the gain = 5 will give:
and for the gain = 10:
For C
2 the value is calculated with:
Or for a gain = 5:
and for a gain = 10:
Note that the frequency response achieved using this proce-
dure will only be accurate if the cut-off frequency of the second
order filter is much smaller than the intrinsic 60 kHz low-pass
filter. In other words, to have the frequency response of the
LMP8602/LMP8602Q/LMP8603/LMP8603Q circuit chosen
such that the internal poles do not affect the external second
order filter.
For a desired Q = 0.707 and a cut off frequency = 3 kHz, this
will result for the LMP8602 in rounded values for R2 = 51
k
Ω, C1 = 1.5 nF and C2 = 3.9 nF
And for the LMP8603 this will result in rounded values for R2
= 22 k
Ω, C1 = 3.3 nF and C2 = 0.39 nF
GAIN ADJUSTMENT
The gain of the LMP8602 is 50 and the gain of the LMP8603
is 100, however, this gain can be adjusted as the signal path
in between the two internal amplifiers is available on the ex-
ternal pins.
Reduce Gain
Figure 3 shows the configuration that can be used to reduce
the gain of the LMP8602 and the LMP8603.
30083456
FIGURE 3. Reduce Gain
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com