Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8602MMX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8602MMX
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8602MMX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMP8602MMX Datasheet HTML 1Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 2Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 3Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 4Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 5Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 6Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 7Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 8Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Block Diagram
30083405
K2 = 5 for LMP8602, K2 = 10 for LMP8603
Connection Diagram
8-Pin SOIC / MSOP
30083402
Top View
Pin Descriptions
Pin
Name
Description
Power Supply
2
GND
Power Ground
6
V
S
Positive Supply Voltage
Inputs
1
−IN
Negative Input
8
+IN
Positive Input
Filter Network
3
A1
Preamplifier output
4
A2
Input from the external filter network and / or A1
Offset
7
OFFSET
DC Offset for bidirectional signals
Output
5
OUT
Single ended output
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com