Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8602MMX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8602MMX
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8602MMX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMP8602MMX Datasheet HTML 1Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 2Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 3Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 4Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 5Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 6Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 7Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 8Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 5)
Max
(Note 7)
Units
Output Buffer (From A2 (pin 4) to OUT ( pin 5 )
V
OS
Input Offset Voltage
0V
≤ V
CM ≤ VS
−2
−2.5
±0.5
2
2.5
mV
K2
Gain (Note 15)
LMP8602
4.975
5
5.025
V/V
LMP8603
9.95
10
10.05
I
B
Input Bias Current of A2 (Note 11)
−40
fA
±20
n A
A2 V
OUT
A2 Output Voltage Swing
(Note 12, Note 13)
V
OL,
R
L = 100 kΩ
LMP8602
10
40
mV
LMP8603
10
80
V
OH,
R
L = 100 kΩ
3.28
3.29
V
I
SC
Output Short-Circuit Current (Note 14)
Sourcing, V
IN = VS, VOUT = GND
-25
-38
-60
mA
Sinking, V
IN = GND, VOUT = VS
30
46
65
5V Electrical Characteristics (Note 2)
Unless otherwise specified, all limits guaranteed for at T
A = 25°C, VS = 5V, GND = 0V, −22V ≤ VCM ≤ 60V, and RL = ∞, Offset (Pin
7) is grounded, 10nF between V
S and GND. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 5)
Max
(Note 7)
Units
Overall Performance (From -IN (pin 1) and +IN (pin 8) to OUT (pin 5) with pins A1 (pin 3) and A2 (pin 4) connected)
I
S
Supply Current
1.1
1.5
mA
A
V
Total Gain (Note 15)
LMP8602
49.75
50
50.25
V/V
LMP8603
99.5
100
100.5
Gain Drift
−40°C
≤ T
A ≤ 125°C
−2.8
±20
ppm/°C
SR
Slew Rate (Note 8)
V
IN = ±0.25V
0.6
0.83
V/
μs
BW
Bandwidth
50
60
kHz
V
OS
Input Offset Voltage
0.15
±1
mV
TCV
OS
Input Offset Voltage Drift (Note 9)
−40°C
≤ T
A ≤ 125°C
2
±10
μV/°C
e
N
Input Referred Voltage Noise
0.1 Hz − 10 Hz, 6 Sigma
17.5
μV
P-P
Spectral Density, 1 kHz
890
nV/
√Hz
PSRR
Power Supply Rejection Ratio
DC 4.5V
≤ V
S ≤ 5.5V
70
90
dB
Mid−scale Offset Scaling Accuracy
LMP8602
±0.25
±1
%
Input Referred
±0.50
mV
LMP8603
±0.45
±1.5
%
Input Referred
±0.375
mV
Preamplifier (From input pins -IN (pin 1) and +IN (pin 8) to A1 (pin 3))
R
CM
Input Impedance Common Mode
0V
≤ V
CM ≤ 60V
250
295
350
k
Ω
−20V
≤ V
CM< 0V
165
193
250
k
Ω
R
DM
Input Impedance Differential Mode
0V
≤ V
CM ≤ 60V
500
590
700
k
Ω
−20V
≤ V
CM < 0V
300
386
500
k
Ω
V
OS
Input Offset Voltage
V
CM = VS / 2
±0.15
±1
mV
DC CMRR DC Common Mode Rejection Ratio
−20V
≤ V
CM ≤ 60V
90
105
dB
AC CMRR
AC Common Mode Rejection Ratio
(Note 10)
f = 1 kHz
80
96
dB
f = 10 kHz
83
CMVR
Input Common Mode Voltage Range
for 80 dB CMRR
−22
60
V
K1
Gain (Note 15)
9.95
10
10.05
V/V
R
F-INT
Output Impedance Filter Resistor
99
100
101
k
Ω
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com