Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8602MMX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8602MMX
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8602MMX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMP8602MMX Datasheet HTML 10Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 11Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 12Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 13Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 14Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 15Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 16Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 17Page - National Semiconductor (TI) LMP8602MMX Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Application Information
GENERAL
The LMP8602 and LMP8603 are fixed gain differential volt-
age precision amplifiers with a gain of 50x for the LMP8602,
and 100x for the LMP8603. The input common mode voltage
range is -22V to +60V when operating from a single 5V supply
or -4V to +27V input common mode voltage range when op-
erating from a single 3.3V supply. The LMP8602 and
LMP8603 are members of the LMP family and are ideal parts
for unidirectional and bidirectional current sensing applica-
tions. Because of the proprietary chopping level-shift input
stage the LMP8602 and LMP8603 achieve very low offset,
very low thermal offset drift, and very high CMRR. The
LMP8602 and LMP8603 will amplify and filter small differen-
tial signals in the presence of high common mode voltages.
The LMP8602/LMP8602Q/LMP8603/LMP8603Q use level
shift resistors at the inputs. Because of these resistors, the
LMP8602/LMP8602Q/LMP8603/LMP8603Q can easily with-
stand very large differential input voltages that may exist in
fault conditions where some other less protected high-perfor-
mance current sense amplifiers might sustain permanent
damage.
PERFORMANCE GUARANTIES
To guaranty the high performance of the LMP8602/LM-
P8602Q/LMP8603/LMP8603Q, all minimum and maximum
values shown in the parameter tables of this data sheet are
100% tested where all bold limits are also 100% tested over
temperature.
THEORY OF OPERATION
The schematic shown in Figure 1 gives a schematic repre-
sentation of the internal operation of the LMP8602/
LMP8603.
The signal on the input pins is typically a small differential
voltage across a current sensing shunt resistor. The input
signal may appear at a high common mode voltage. The input
signals are accessed through two input resistors. The propri-
etary chopping level-shift current circuit pulls or pushes cur-
rent through the input resistors to bring the common mode
voltage behind these resistors within the supply rails. Subse-
quently, the signal is gained up by a factor of 10 (K1) and
brought out on the A1 pin through a trimmed 100 k
Ω resistor.
In the application, additional gain adjustment or filtering com-
ponents can be added between the A1 and A2 pins as will be
explained in subsequent sections. The signal on the A2 pin is
further amplified by a factor (K2) which equals a factor of 5 for
the LMP8602 and a factor of 10 for the LMP8603. The output
signal of the final gain stage is provided on the OUT pin. The
OFFSET pin allows the output signal to be level-shifted to
enable bidirectional current sensing as will be explained be-
low.
30083405
K2 = 5 for LMP8602, K2 = 10 for LMP8603
FIGURE 1. Theory of Operation
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com