Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227CS Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2227CS
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2227CS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL2227CS Datasheet HTML 2Page - Intersil Corporation EL2227CS Datasheet HTML 3Page - Intersil Corporation EL2227CS Datasheet HTML 4Page - Intersil Corporation EL2227CS Datasheet HTML 5Page - Intersil Corporation EL2227CS Datasheet HTML 6Page - Intersil Corporation EL2227CS Datasheet HTML 7Page - Intersil Corporation EL2227CS Datasheet HTML 8Page - Intersil Corporation EL2227CS Datasheet HTML 9Page - Intersil Corporation EL2227CS Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN7058.4
September 14 ,2010
FIGURE 13. 3dB BANDWIDTH vs SUPPLY VOLTAGE
FIGURE 14. PEAKING vs SUPPLY VOLTAGE
FIGURE 15. LARGE SIGNAL STEP RESPONSE (VS = ±12V)
FIGURE 16. LARGE SIGNAL STEP RESPONSE (VS = ±2.5V)
FIGURE 17. SMALL SIGNAL STEP RESPONSE (VS = ±12V)
FIGURE 18. SMALL SIGNAL STEP RESPONSE (VS = ±2.5V)
Typical Performance Curves (Continued)
140
120
100
80
60
40
20
0
24
8
SUPPLY VOLTAGE (±V)
12
610
AV = +2
RF = 620Ω
RL = 500Ω
AV = -1
AV = +2
A V= -2
AV = +5
AV = -5
AV = +10
10
AV = -10
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
24
8
SUPPLY VOLTAGE (±V)
12
610
AV = +2
RF = 620Ω
RL = 500Ω
AV = +2
AV = -1
AV = +5 A
V = -5
AV = -10
AV = +10
AV = -2
100ns/DIV
0.5V/DIV
RF = 620Ω
AV = 2
RL = 500Ω
100ns/DIV
0.5V/DIV
RF = 620Ω
AV = 2
RL = 500Ω
RF = 620Ω
AV = 2
RL = 500Ω
100ns/DIV
20mV/DIV
100ns/DIV
20mV/DIV
RF = 620Ω
AV = 2
RL = 500Ω
EL2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com