Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2227CS
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2227CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL2227CS Datasheet HTML 1Page - Intersil Corporation EL2227CS Datasheet HTML 2Page - Intersil Corporation EL2227CS Datasheet HTML 3Page - Intersil Corporation EL2227CS Datasheet HTML 4Page - Intersil Corporation EL2227CS Datasheet HTML 5Page - Intersil Corporation EL2227CS Datasheet HTML 6Page - Intersil Corporation EL2227CS Datasheet HTML 7Page - Intersil Corporation EL2227CS Datasheet HTML 8Page - Intersil Corporation EL2227CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN7058.4
September 14 ,2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . . .28V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS- - 0.3V, VS +0.3V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 40mA
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
ESD Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +12V, VS- = -12V, RL = 500Ω and CL = 3pF to 0V, RF = RG = 620Ω, and TA = +25°C, Unless Otherwise
Specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
-0.2
3
mV
TCVOS
Average Offset Voltage Drift
-0.6
µV/°C
IB
Input Bias Current
VCM = 0V
-9
-3.4
µA
RIN
Input Impedance
7.3
M
Ω
CIN
Input Capacitance
1.6
pF
CMIR
Common-Mode Input Range
-11.8
+10.4
V
CMRR
Common-Mode Rejection Ratio
For VIN from -11.8V to 10.4V
60
94
dB
AVOL
Open-Loop Gain
-5V
≤ VOUT ≤ 5V
70
87
dB
eN
Voltage Noise
f = 100kHz
1.9
nV/
√Hz
iN
Current Noise
f = 100kHz
1.2
pA/
√Hz
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
RL = 500Ω
-10.4
-10
V
RL = 250Ω
-9.8
-9
V
VOH
Output Swing High
RL = 500Ω
10
10.4
V
RL = 250Ω
9.5
10
V
ISC
Short Circuit Current
RL = 10Ω
140
180
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from ±2.25V to ±12V
65
95
dB
IS
Supply Current (Per Amplifier)
No Load
4.8
6.5
mA
VS
Operating Range
±2.5
±12
V
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 2)
±2.5V square wave, measured 25% to 75%
40
50
V/µs
tS
Settling to 0.1% (AV = +2)
(AV = +2), VO = ±1V
65
ns
BW
-3dB Bandwidth
RF = 358Ω
115
MHz
HD2
2nd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500Ω, RF = 358Ω
93
dBc
f = 1MHz, VO = 2VP-P, RL = 150Ω, RF = 358Ω
83
dBc
HD3
3rd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500Ω, RF = 358Ω
94
dBc
f = 1MHz, VO = 2VP-P, RL = 150Ω, RF = 358Ω
76
dBc
EL2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com