Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2227CS
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2227CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2227CS Datasheet HTML 1Page - Intersil Corporation EL2227CS Datasheet HTML 2Page - Intersil Corporation EL2227CS Datasheet HTML 3Page - Intersil Corporation EL2227CS Datasheet HTML 4Page - Intersil Corporation EL2227CS Datasheet HTML 5Page - Intersil Corporation EL2227CS Datasheet HTML 6Page - Intersil Corporation EL2227CS Datasheet HTML 7Page - Intersil Corporation EL2227CS Datasheet HTML 8Page - Intersil Corporation EL2227CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7058.4
EL2227
Dual, Very Low Noise Amplifier
The EL2227 is a dual, low-noise amplifier, ideally suited to
line receiving applications in ADSL and HDSLII designs.
With low noise specification of just 1.9nV/
√Hz and
1.2pA/
√Hz, the EL2227 is perfect for the detection of very
low amplitude signals.
The EL2227 features a -3dB bandwidth of 115MHz and is
gain-of-2 stable. The EL2227 also affords minimal power
dissipation with a supply current of just 4.8mA per amplifier.
The amplifier can be powered from supplies ranging from
±2.5V to ±12V.
The EL2227 is available in a space-saving 8 Ld MSOP
package as well as the industry-standard 8 Ld SOIC. It can
operate over the -40°C to +85°C temperature range.
Pinout
EL2227
(8 LD SOIC, 8 LD MSOP)
TOP VIEW
Features
• Voltage noise of only 1.9nV/
√Hz
• Current noise of only 1.2pA/
√Hz
• Bandwidth (-3dB) of 115MHz @AV = +2
• Gain-of-2 stable
• Just 4.8mA per amplifier
• 8 Ld MSOP and 8 Ld SOIC package
• ±2.5V to ±12V operation
• Pb-free available (RoHS compliant)
Applications
• ADSL receivers
• HDSLII receivers
• Ultrasound input amplifiers
• Wideband instrumentation
• Communications equipment
• AGC and PLL active filters
• Wideband sensors
.
1
2
3
4
8
7
6
5
-
+
-
+
VS-
VS+
VINA+
VINA-
VOUTA
VOUTB
VINB-
VINB+
Ordering Information
PART
NUMBER
PART
MARKING
TEMP
RANGE
(°C)
PACKAGE
PKG.
DWG.#
EL2227CYZ*
(Note)
BASAA
-40 to +85 8 Ld MSOP
(3.0mm) (Pb-free)
M8.118A
EL2227CS*
2227CS
-40 to +85 8 Ld SOIC
(150 mil)
M8.15E
EL2227CSZ*
(Note)
2227CSZ
-40 to +85 8 Ld SOIC
(150 mil) (Pb-free)
M8.15E
*Add “-T7” or “-T13” suffix for tape and reel. Please refer to TB347 for
details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
September 14 ,2010
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005, 2007, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL2227CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2227CS ELANTEC-EL2227CS Datasheet
182Kb / 15P
Dual Very Low Noise Amplifier
logo
Intersil Corporation
EL2227CS INTERSIL-EL2227CS Datasheet
294Kb / 14P
Dual Very Low Noise Amplifier
May 1, 2007
logo
Renesas Technology Corp
EL2227CS RENESAS-EL2227CS Datasheet
740Kb / 14P
Dual, Very Low Noise Amplifier
logo
Elantec Semiconductor
EL2227CS-T13 ELANTEC-EL2227CS-T13 Datasheet
182Kb / 15P
Dual Very Low Noise Amplifier
logo
Intersil Corporation
EL2227CS-T13 INTERSIL-EL2227CS-T13 Datasheet
294Kb / 14P
Dual Very Low Noise Amplifier
May 1, 2007
More results

Similar Description - EL2227CS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-270 AD-OP-270 Datasheet
601Kb / 16P
DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
logo
Elantec Semiconductor
EL2227C ELANTEC-EL2227C Datasheet
182Kb / 15P
Dual Very Low Noise Amplifier
logo
STMicroelectronics
TDA3420 STMICROELECTRONICS-TDA3420 Datasheet
171Kb / 5P
DUAL VERY LOW NOISE PREAMPLIFIER
Jun-1988
logo
Analog Devices
OP270 AD-OP270 Datasheet
525Kb / 16P
Dual Very Low Noise Precision Operational Amplifier
4/03-Data Sheet changed from REV. B to REV. C.
logo
Intersil Corporation
EL2227 INTERSIL-EL2227_07 Datasheet
294Kb / 14P
Dual Very Low Noise Amplifier
May 1, 2007
logo
Analog Devices
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
Dual Very Low Noise Precision Operational Amplifier
Rev. E
logo
AVAGO TECHNOLOGIES LIMI...
MGA-12516 AVAGO-MGA-12516 Datasheet
637Kb / 16P
High Gain, Matched-Pair Dual, Very Low Noise Amplifier
logo
Analog Devices
OP270 AD-OP270_17 Datasheet
383Kb / 21P
Dual Very Low Noise Precision Operational Amplifier
10/15-Rev. E to Rev. F
logo
Renesas Technology Corp
EL2227 RENESAS-EL2227 Datasheet
740Kb / 14P
Dual, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-12516 BOARDCOM-MGA-12516 Datasheet
637Kb / 16P
High Gain, Matched-Pair Dual, Very Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com