Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227CS Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL2227CS
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2227CS Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL2227CS Datasheet HTML 6Page - Intersil Corporation EL2227CS Datasheet HTML 7Page - Intersil Corporation EL2227CS Datasheet HTML 8Page - Intersil Corporation EL2227CS Datasheet HTML 9Page - Intersil Corporation EL2227CS Datasheet HTML 10Page - Intersil Corporation EL2227CS Datasheet HTML 11Page - Intersil Corporation EL2227CS Datasheet HTML 12Page - Intersil Corporation EL2227CS Datasheet HTML 13Page - Intersil Corporation EL2227CS Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7058.4
September 14 ,2010
Single-Supply Operation
The EL2227s have been designed to have a wide input and
output voltage range. This design also makes the EL2227 an
excellent choice for single-supply operation. Using a single
positive supply, the lower input voltage range is within
200mV of ground (RL = 500Ω), and the lower output voltage
range is within 875mV of ground. Upper input voltage range
reaches 3.6V, and output voltage range reaches 3.8V with a
5V supply and RL = 500Ω. This results in a 2.625V output
swing on a single 5V supply. This wide output voltage range
also allows single-supply operation with a supply voltage as
high as 28V.
Gain-Bandwidth Product and the -3dB Bandwidth
The EL2227s have a gain-bandwidth product of 137MHz
while using only 5mA of supply current per amplifier. For
gains greater than 2, their closed-loop -3dB bandwidth is
approximately equal to the gain-bandwidth product divided
by the noise gain of the circuit. For gains less than 2, higher
order poles in the amplifiers' transfer function contribute to
even higher closed loop bandwidths. For example, the
EL2227 have a -3dB bandwidth of 115MHz at a gain of +2,
dropping to 28MHz at a gain of +5. It is important to note that
the EL2227 have been designed so that this “extra”
bandwidth in low-gain applications does not come at the
expense of stability. As seen in the typical performance
curves, the EL2227 in a gain of +2 only exhibit 0.5dB of
peaking with a 1000
Ω load.
Output Drive Capability
The EL2227s have been designed to drive low impedance
loads. They can easily drive 6VP-P into a 500Ω load. This
high output drive capability makes the EL2227 an ideal
choice for RF, IF and video applications.
Printed-Circuit Layout
The EL2227s are well behaved, and easy to apply in most
applications. However, a few simple techniques will help
assure rapid, high quality results. As with any high-frequency
device, good PCB layout is necessary for optimum
performance. Ground-plane construction is highly
recommended, as is good power supply bypassing. A 0.1µF
ceramic capacitor is recommended for bypassing both
supplies. Lead lengths should be as short as possible, and
bypass capacitors should be as close to the device pins as
possible. For good AC performance, parasitic capacitances
should be kept to a minimum at both inputs and at the
output. Resistor values should be kept under 5k
Ω because
of the RC time constants associated with the parasitic
capacitance. Metal-film and carbon resistors are both
acceptable, use of wire-wound resistors is not recommended
because of their parasitic inductance. Similarly, capacitors
should be low-inductance for best performance.
TABLE 1.
PART
PACKAGE
θJA
MAX PDISS @
TMAX
MAX VS
EL2227CS
SO8
160°C/W 0.406W @ +85°C
EL2227CY
MSOP8
206°C/W 0.315W @ +85°C
EL2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com