Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPCS4 Datasheet(PDF) 2 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 2 Page - Altera Corporation

  EPCS4 Datasheet HTML 1Page - Altera Corporation EPCS4 Datasheet HTML 2Page - Altera Corporation EPCS4 Datasheet HTML 3Page - Altera Corporation EPCS4 Datasheet HTML 4Page - Altera Corporation EPCS4 Datasheet HTML 5Page - Altera Corporation EPCS4 Datasheet HTML 6Page - Altera Corporation EPCS4 Datasheet HTML 7Page - Altera Corporation EPCS4 Datasheet HTML 8Page - Altera Corporation EPCS4 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
3–2
    
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
Functional Description
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
Functional Description
With SRAM-based devices that support active serial configuration, configuration data
must be reloaded each time the device powers up, the system reconfigures, or when
new configuration data is required. Serial configuration devices are flash memory
devices with a serial interface that can store configuration data for FPGA devices that
support active serial configuration and reload the data to the device upon power-up
or reconfiguration. Table 3–1 summarizes the features of the Altera configuration
devices and the amount of configuration space they hold.
For an 8-pin SOIC package, you can migrate vertically from the EPCS1 to the EPCS4
or EPCS16 because the EPCS devices are offered in the same device package.
Similarly, for a 16-pin SOIC package, you can migrate vertically from the EPCS16 to
the EPCS64 or EPCS128.
Use the compression ratio calculation to determine the FPGA device to fit the EPCS.
With the new data-decompression feature in Arria series, Cyclone series, and all
device families in the Stratix series except the Stratix device family, you can use
smaller serial configuration devices to configure larger FPGAs.
1 Serial configuration devices cannot be cascaded.
f For more information about the FPGA decompression feature, refer to the
configuration chapter in the appropriate device handbook.
Table 3–1. Altera Configuration Devices (Note 1), (2)
Device
Memory Size
(bits)
On-Chip
Decompression
Support
ISP
Support
Cascading
Support
Reprogrammable
Operating
Voltage (V)
EPCS1
1,048,576
No
Yes
No
Yes
3.3
EPCS4
4,194,304
No
Yes
No
Yes
3.3
EPCS16
16,777,216
No
Yes
No
Yes
3.3
EPCS64
67,108,864
No
Yes
No
Yes
3.3
EPCS128
134,217,728
No
Yes
No
Yes
3.3
Notes to Table 3–1:
(1) To program these devices using Altera Programming Unit or Master Programming Unit, refer to Altera Programming Hardware Data Sheet.
(2) The EPCS device can be re-programmed in system with Byte Blaster II download cable or an external microprocessor using SRunner. For more
information about SRunner, refer to the AN418, SRunner: An Embedded Solution for EPCS Programming.
Example 3–1. Compression Ratio Calculation
EP4SGX530 = 189,000,000 bits
EPCS128 = 134,217,728 bits
Preliminary data indicates that compression typically reduces the configuration
bitstream size by 35% to 55%. We take the worst case that is 35% compression.
189,000,000 bits × 0.65 = 122,850,000 bits
It fits EPCS128 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com