Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPCS4 Datasheet(PDF) 3 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 3 Page - Altera Corporation

  EPCS4 Datasheet HTML 1Page - Altera Corporation EPCS4 Datasheet HTML 2Page - Altera Corporation EPCS4 Datasheet HTML 3Page - Altera Corporation EPCS4 Datasheet HTML 4Page - Altera Corporation EPCS4 Datasheet HTML 5Page - Altera Corporation EPCS4 Datasheet HTML 6Page - Altera Corporation EPCS4 Datasheet HTML 7Page - Altera Corporation EPCS4 Datasheet HTML 8Page - Altera Corporation EPCS4 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
3–3
Active Serial FPGA Configuration
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
The serial configuration devices are designed to configure the Cyclone series and all
device families in the Stratix series except the Stratix device family. It cannot configure
other existing Altera FPGA device families.
Figure 3–1 shows the serial configuration device block diagram.
Accessing Memory in Serial Configuration Devices
You can access the unused memory locations of the serial configuration device to store
or retrieve data through the Nios processor and SOPC Builder. SOPC Builder is an
Altera tool for creating bus-based (especially microprocessor-based) systems in Altera
devices. SOPC Builder assembles library components such as processors and
memories into custom microprocessor systems.
SOPC Builder includes the EPCS device controller core, which is an interface core
specifically designed to work with the serial configuration device. With this core, you
can create a system with a Nios embedded processor that allows software access to
any memory location within the serial configuration device.
f For more information about accessing memory within the serial configuration device,
refer to the Active Serial Memory Interface Data Sheet.
Active Serial FPGA Configuration
The following Altera FPGAs support Active Serial (AS) configuration scheme with
serial configuration devices:
■
Arria series
■
Cyclone series
■
all device families in the Stratix series except the Stratix device family
1 This section is only relevant for FPGAs that support the AS configuration scheme.
Figure 3–1. Serial Configuration Device Block Diagram
Control
Logic
I/O Shift
Register
Memory
Array
Status Register
Address Counter
Decode Logic
Data Buffer
nCS
DCLK
DATA
ASDI
Serial Configuration Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com