Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPCS4 Datasheet(PDF) 28 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 28 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 24Page - Altera Corporation EPCS4 Datasheet HTML 25Page - Altera Corporation EPCS4 Datasheet HTML 26Page - Altera Corporation EPCS4 Datasheet HTML 27Page - Altera Corporation EPCS4 Datasheet HTML 28Page - Altera Corporation EPCS4 Datasheet HTML 29Page - Altera Corporation EPCS4 Datasheet HTML 30Page - Altera Corporation EPCS4 Datasheet HTML 31Page - Altera Corporation EPCS4 Datasheet HTML 32Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
3–28
    
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
Timing Information
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
Figure 3–19 shows the timing waveform for the serial configuration device's read
operation.
Table 3–17 defines the serial configuration device timing parameters for read
operation.
1 Existing batches of EPCS1 and EPCS4 manufactured on 0.15 µm process geometry
support AS configuration up to 40 MHz. However, batches of EPCS1 and EPCS4
manufactured on 0.18 µm process geometry support only up to 20 MHz. EPCS16,
EPCS64, and EPCS128 are not affected.
f For information about product traceability and transition date to differentiate
between 0.15 µm process geometry and 0.18 µm process geometry EPCS1 and EPCS4,
refer tothe Process Change Notification PCN 0514: Manufacturing Changes on EPCS
Family.
Figure 3–19. Read Operation Timing
nCS
DCLK
DATA
ASDI
tnCLK2D
tCL
tCH
tODIS
Bit N
Bit 0
Bit N
1
Add_Bit 0
Table 3–17. Read Operation Parameters
Symbol
Parameter
Min
Max
Unit
fRCLK
Read clock frequency (from FPGA or
embedded processor) for read bytes
operation
—20
MHz
tCH
DCLK
high time
25
—
ns
tCL
DCLK
low time
25
—
ns
tODIS
Output disable time after read
—
15
ns
tnCLK2D
Clock falling edge to data
—
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com