Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPCS4 Datasheet(PDF) 22 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 22 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 18Page - Altera Corporation EPCS4 Datasheet HTML 19Page - Altera Corporation EPCS4 Datasheet HTML 20Page - Altera Corporation EPCS4 Datasheet HTML 21Page - Altera Corporation EPCS4 Datasheet HTML 22Page - Altera Corporation EPCS4 Datasheet HTML 23Page - Altera Corporation EPCS4 Datasheet HTML 24Page - Altera Corporation EPCS4 Datasheet HTML 25Page - Altera Corporation EPCS4 Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
3–22
    
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
Serial Configuration Device Memory Access
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
Read Silicon ID Operation
The read silicon ID operation code is b'1010 1011, with the MSB listed first. Only
EPCS1, EPCS4, EPCS16, and EPCS64 support this operation. It reads the serial
configuration device’s 8-bit silicon ID from the DATA output pin. If this operation is
shifted in during an erase or write cycle, it is ignored and has no effect on the cycle
that is in progress.
Table 3–14 lists the serial configuration device silicon IDs.
The device implements the read silicon ID operation by driving nCS low then shifting
in the read silicon ID operation code followed by three dummy bytes on ASDI. The
serial configuration device’s 8-bit silicon ID is then shifted out on the DATA pin on the
falling edge of DCLK, as shown in Figure 3–13. The device can terminate the read
silicon ID operation by driving nCS high after the silicon ID has been read at least
once. Sending additional clock cycles on DCLK while nCS is driven low can cause the
silicon ID to be shifted out repeatedly.
Table 3–14. Serial Configuration Device Silicon ID
Serial Configuration Device
Silicon ID (Binary Value)
EPCS1
b'0001 0000
EPCS4
b'0001 0010
EPCS16
b'0001 0100
EPCS64
b'0001 0110
Figure 3–13. Read Silicon ID Operation Timing Diagram (Note 1)
Note to Figure 3–13:
(1) Only EPCS1, EPCS4, EPCS16, and EPCS64 support Read Silicon ID operation.
nCS
DCLK
ASDI
DATA
0
1
2
3
4
5
6
7
8
9
10
28
29
30
31
32
33
34
35
36
37
38
39
Operation Code
Three Dummy Bytes
23
22
21
3
2
1
0
765
43
210
MSB
MSB
High Impedance
Silicon ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com