Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2956A Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2956A
Description  Dual Micropower Low-Dropout Voltage Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2956A Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP2956A Datasheet HTML 1Page - National Semiconductor (TI) LP2956A Datasheet HTML 2Page - National Semiconductor (TI) LP2956A Datasheet HTML 3Page - National Semiconductor (TI) LP2956A Datasheet HTML 4Page - National Semiconductor (TI) LP2956A Datasheet HTML 5Page - National Semiconductor (TI) LP2956A Datasheet HTML 6Page - National Semiconductor (TI) LP2956A Datasheet HTML 7Page - National Semiconductor (TI) LP2956A Datasheet HTML 8Page - National Semiconductor (TI) LP2956A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Symbol
Parameter
Conditions
Typical
LP2956AI
LP2956I
Units
Min
Max
Min
Max
AUXILIARY OUTPUT
V
FB
Feedback Pin Voltage
1.23
1.22
1.25
1.21
1.26
V
1.21
1.26
1.20
1.27
Feedback Voltage
Temperature Coefficient
20
ppm/°C
I
FB
Feedback Pin Bias
10
20
20
nA
Current
30
30
Line Regulation
6V
≤ V
IN ≤ 30V
0.07
0.3
0.4
%
0.5
0.6
Load Regulation
I
L = 0.1 mA to 1 mA
0.1
0.3
0.4
%
I
L = 1 mA to 75 mA (Note 10)
0.6
1.0
V
IN–VO
Dropout Voltage
I
L = 1 mA
100
200
200
mV
300
300
I
L = 50 mA
400
600
600
mV
700
700
I
L = 75 mA
500
700
700
mV
850
850
e
n
Output Noise
C
L = 10 μF
300
(10 Hz–100 KHz)
C
L = 33 μF (Note 9)
100
μV RMS
I
L = 10 mA
I
LIM
Current Limit
V
OUT = 0V (Note 13)
80
200
200
mA
250
250
Thermal Regulation
(Note 8)
0.2
0.5
0.5
%/W
DROPOUT DETECTION COMPARATOR
I
OH
Output “HIGH” Leakage
V
OH = 30V
0.01
1
1
μA
2
2
V
OL
Output “LOW” Voltage
V
IN = 4V
150
250
250
mV
I
O (COMP) = 400 μA
400
400
V
THR
Upper Threshold Voltage
(Note 11)
−240
−320
−150
−320
−150
mV
(max)
−380
−100
−380
−100
V
THR
Lower Threshold Voltage
(Note 11)
−350
−450
−230
−450
−230
mV
(min)
−640
−160
−640
−160
HYST
Hysteresis
(Note 11)
110
mV
SHUTDOWN INPUT
I
IN
Input Current to Disable
Output
(Note 12)
0.03
0.5
0.5
μA
V
IH
Shutdown Input High
I
(SD IN) ≥ 1 μA
900
900
mV
Threshold
1200
1200
V
IL
Shutdown Input Low
V
O ≥ 4.5V
400
400
mV
Threshold
200
200
AUXILIARY COMPARATOR
V
T(high)
Upper Trip Point
(Note 14)
1.236
1.20
1.28
1.20
1.28
V
1.19
1.29
1.19
1.29
V
T(low)
Lower Trip Point
(Note 14)
1.230
1.19
1.27
1.19
1.27
V
1.18
1.28
1.18
1.28
HYST
Hysteresis
6
mV
www.national.com
4
11339 Version 8 Revision 4
Print Date/Time: 2009/12/07 17:53:15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com