Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2956A Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2956A
Description  Dual Micropower Low-Dropout Voltage Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2956A Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP2956A Datasheet HTML 9Page - National Semiconductor (TI) LP2956A Datasheet HTML 10Page - National Semiconductor (TI) LP2956A Datasheet HTML 11Page - National Semiconductor (TI) LP2956A Datasheet HTML 12Page - National Semiconductor (TI) LP2956A Datasheet HTML 13Page - National Semiconductor (TI) LP2956A Datasheet HTML 14Page - National Semiconductor (TI) LP2956A Datasheet HTML 15Page - National Semiconductor (TI) LP2956A Datasheet HTML 16Page - National Semiconductor (TI) LP2956A Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
The main output requires less capacitance at lighter load cur-
rents. This capacitor can be reduced to 0.68
μF for currents
below 10 mA or 0.22
μF for currents below 1 mA.
Programming the main output for voltages below 5V requires
more output capacitance for stability. For the worst-case con-
dition of 1.23V output and 250 mA of load current, a 6.8
μF
(or larger) capacitor should be used.
A 1
μF capacitor should be placed from the input pin to ground
if there is more than 10 inches of wire between the input and
the AC filter capacitor or if a battery input is used.
Stray capacitance to the Feedback terminal can cause insta-
bility. This problem is most likely to appear when using high
value external resistors to set the output voltage. Adding a
100 pF capacitor between the Output and Feedback pins and
increasing the output capacitance to 6.8
μF (or greater) will
cure the problem.
MINIMUM LOAD ON MAIN OUTPUT
When setting the main output voltage using an external re-
sistive divider, a minimum current of 10
μA is recommended
through the resistors to provide a minimum load.
It should be noted that a minimum load current is specified in
several of the electrical characteristic test conditions, so the
specified value must be used to obtain test limit correlation.
PROGRAMMING THE MAIN OUTPUT VOLTAGE
The main output may be pin-strapped for 5V operation using
its internal resistive divider by tying the Output and Sense pins
together and also tying the Feedback and 5V Tap pins to-
gether.
Alternatively, it may be programmed for any voltage between
the 1.23V reference and the 29V maximum rating using an
external pair of resistors (see Figure 3 ). The complete equa-
tion for the output voltage is:
where V
REF is the 1.23V reference and IFB is the Feedback
pin bias current (−20 nA typical). The minimum recommended
load current of 1
μA sets an upper limit of 1.2 MΩ on the value
of R2 in cases where the regulator must work with no load
(see MINIMUM LOAD).
If I
FB is ignored in the calculation of the output voltage, it will
produce a small error in V
MAIN OUT. Choosing R2 = 100 kΩ will
reduce this error to 0.16% (typical) while increasing the re-
sistor program current to 12
μA. Since the typical quiescent
current is 130
μA, this added current is negligible.
1133911
*See Application Hints
**Drive with high to shut down
FIGURE 3. Adjustable Regulator
DROPOUT VOLTAGE
The dropout voltage of the regulator is defined as the mini-
mum input-to-output voltage differential required for the out-
put voltage to stay within 100 mV of the output voltage
measured with a 1V differential. The dropout voltage is inde-
pendent of the programmed output voltage.
DROPOUT DETECTION COMPARATOR
This comparator produces a logic “LOW” whenever the main
output falls out of regulation by more than about 5%. This fig-
ure results from the comparator's built-in offset of 60 mV
divided by the 1.23V reference (refer to block diagram). The
5% low trip level remains constant regardless of the pro-
grammed output voltage. An out-of-regulation condition can
result from low input voltage, current limiting, or thermal lim-
iting.
Figure 4 gives a timing diagram showing the relationship be-
tween the main output voltage, the ERROR output, and input
voltage as the input voltage is ramped up and down to a reg-
ulator whose main output is programmed for 5V. The ER-
ROR signal becomes low at about 1.3V input. It goes high at
about 5V input, where the main output equals 4.75V. Since
the dropout voltage is load dependent, the input voltage trip
points will vary with load current. The main output voltage
trip point does not vary.
The comparator has an open-collector output which requires
an external pull-up resistor. This resistor may be connected
to the regulator main output or some other supply voltage.
Using the main output prevents an invalid “HIGH” on the com-
parator output which occurs if it is pulled up to an external
voltage while the regulator input voltage is reduced below
1.3V. In selecting a value for the pull-up resistor, note that
while the output can sink 400
μA, this current adds to battery
drain. Suggested values range from 100 k
Ω to 1 MΩ. The
resistor is not required if the output is unused.
13
www.national.com
11339 Version 8 Revision 4
Print Date/Time: 2009/12/07 17:53:15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com