Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2956A Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2956A
Description  Dual Micropower Low-Dropout Voltage Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2956A Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP2956A Datasheet HTML 8Page - National Semiconductor (TI) LP2956A Datasheet HTML 9Page - National Semiconductor (TI) LP2956A Datasheet HTML 10Page - National Semiconductor (TI) LP2956A Datasheet HTML 11Page - National Semiconductor (TI) LP2956A Datasheet HTML 12Page - National Semiconductor (TI) LP2956A Datasheet HTML 13Page - National Semiconductor (TI) LP2956A Datasheet HTML 14Page - National Semiconductor (TI) LP2956A Datasheet HTML 15Page - National Semiconductor (TI) LP2956A Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Application Hints
HEATSINK REQUIREMENTS
A heatsink may be required with the LP2956 depending on
the maximum power dissipation and maximum ambient tem-
perature of the application. Under all expected operating
conditions, the junction temperature must be within the range
specified under Absolute Maximum Ratings.
To determine if a heatsink is required, the maximum power
dissipated by the regulator, P(max), must be calculated. It is
important to remember that if the regulator is powered from a
transformer connected to the AC line, the maximum speci-
fied AC input voltage must be used (since this produces the
maximum DC input voltage to the regulator). Figure 1 shows
the voltages and currents which are present in the circuit. The
formula for calculating the power dissipated in the regulator
is also shown in Figure 1 (the currents and power due to ex-
ternal resistive dividers are not included, and are typically
negligible).
1133909
FIGURE 1. Current/Voltage Diagram
The next parameter which must be calculated is the maximum
allowable temperature rise, T
R(max). This is calculated by
using the formula:
T
R(max) = TJ(max) − T A(max)
where: T
J(max) is the maximum allowable junction temper-
ature
T
A(max) is the maximum ambient temperature
Using the calculated values for T
R(max) and P(max), the re-
quired value for junction-to-ambient thermal resistance,
θ
(J-
A), can now be found:
θ(
J-A) = TR(max)/P(max)
The heatsink for the LP2956 is made using the PC board
copper. The heat is conducted from the die, through the lead
frame (inside the part), and out the pins which are soldered
to the PC board. The pins used for heat conduction are shown
in Table 1.
TABLE 1.
Part
Package
Pins
LP2956IN
16-Pin Plastic DIP
4, 5, 12, 13
LP2956AIN
16-Pin Plastic DIP
4, 5, 12, 13
LP2956IM
16-Pin Surface Mt.
1, 8, 9, 16
LP2956AIM
16-Pin Surface Mt.
1, 8, 9, 16
Figure 2 shows copper patterns which may be used to dissi-
pate heat from the LP2956:
1133910
*For best results, use L = 2H
FIGURE 2. Copper Heatsink Patterns
Table 2 shows some typical values of junction-to-ambient
thermal resistance (
θ
J-A) for values of L and W (1 oz. copper).
TABLE 2.
Package
L (In.)
H (In.)
θ
J-A (°C/W)
16-Pin
Plastic
1
0.5
70
DIP
2
1
60
3
1.5
58
4
0.19
66
6
0.19
66
16-Pin
1
0.5
83
Surface
2
1
70
Mount
3
1.5
67
6
0.19
69
4
0.19
71
2
0.19
73
EXTERNAL CAPACITORS
A 2.2
μF (or greater) capacitor is required between the main
output pin and ground to assure stability. The auxiliary output
requires 10
μF to ground. Without these capacitors, the part
may oscillate. Most types of tantalum or aluminum electrolyt-
ics will work here. Film types will work, but are more expen-
sive. Many aluminum electrolytics contain electrolytes which
freeze at −30°C, which requires the use of solid tantalums
below −25°C. The important characteristic of the capacitors
is an ESR of 5
Ω (or less) on the main regulator output and an
ESR of 1
Ω (or less) on the auxiliary regulator output (the ESR
may increase by a factor of 20 or 30 as the temperature is
reduced from +25°C to −30°C). The value of these capacitors
may be increased without limit.
www.national.com
12
11339 Version 8 Revision 4
Print Date/Time: 2009/12/07 17:53:15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com