Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2956A Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2956A
Description  Dual Micropower Low-Dropout Voltage Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2956A Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP2956A Datasheet HTML 1Page - National Semiconductor (TI) LP2956A Datasheet HTML 2Page - National Semiconductor (TI) LP2956A Datasheet HTML 3Page - National Semiconductor (TI) LP2956A Datasheet HTML 4Page - National Semiconductor (TI) LP2956A Datasheet HTML 5Page - National Semiconductor (TI) LP2956A Datasheet HTML 6Page - National Semiconductor (TI) LP2956A Datasheet HTML 7Page - National Semiconductor (TI) LP2956A Datasheet HTML 8Page - National Semiconductor (TI) LP2956A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Symbol
Parameter
Conditions
Typical
LP2956AI
LP2956I
Units
Min
Max
Min
Max
I
OH
Output “HIGH” Leakage
V
OH = 30V
0.01
1
1
μA
V
IN (COMP) = 1.3V
2
2
V
OL
Output “LOW” Voltage
V
IN (COMP) = 1.1V
150
250
250
mV
I
O(COMP) = 400 μA
400
400
I
B
Input Bias Current
0
≤ V
IN (COMP) ≤ 5V
10
−30
30
−30
30
nA
−50
50
−50
50
GROUND PIN CURRENT
I
GND
Ground Pin Current
I
L (Main Out) = 1 mA
170
250
250
μA
(Note 15)
I
L (Aux. Out) = 0.1 mA
280
280
I
L (Main Out) = 50 mA
1.1
2
2
I
L (Aux. Out) = 1 mA
2.5
2.5
I
L (Main Out) = 100 mA
3
6
6
I
L (Aux. Out) = 1 mA
8
8
I
L (Main Out) = 250 mA
16
28
28
mA
I
L (Aux. Out) = 1 mA
33
33
I
L (Main Out) = 1 mA
3
6
6
I
L (Aux. Out) = 50 mA
8
8
I
L (Main Out) = 1 mA
6
8
8
I
L (Aux. Out) = 75 mA
10
10
I
GND
Ground Pin Current
V
IN = 4.5V
325
325
at Dropout (Note 15)
I
L (Main Out) = 0.1 mA
270
350
350
I
L (Aux. Out) = 0.1 mA
μA
I
GND
Ground Pin Current
No Load on Either Output
120
180
180
at Shutdown (Note 15)
I
(SD IN) ≥ 1 μA
200
200
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
Note 2: The maximum allowable power dissipation is a function of the maximum junction temperature, T
J(max), the junction-to-ambient thermal resistance, θ J-
A, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using: P(max) =
.
Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. See Application Hints
for additional information on heat sinking and thermal resistance.
Note 3: When used in dual-supply systems where the regulator load is returned to a negative supply, the output voltage must be diode-clamped to ground.
Note 4: May exceed the input supply voltage.
Note 5: Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 6: Load regulation is measured at constant junction temperature using low duty cycle pulse testing. Two separate tests are performed, one for the range of
100
μA to 1 mA and one for the 1 mA to 250 mA range. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
Note 7: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a 1V differential.
At very low values of programmed output voltage, the input voltage minimum of 2V (2.3V over temperature) must be observed.
Note 8: Thermal regulation is the change in output voltage at a time T after a change in power dissipation, excluding load or line regulation effects. Specifications
are for a 200 mA load pulse at V
IN = 20V (3W pulse) for T = 10 ms on the Main regulator output. For the Auxiliary regulator output, specifications are for a 66 mA
load pulse at V
IN = 20V (1W pulse) for T = 10 ms.
Note 9: Connect a 0.1
μF capacitor from the output to the feedback pin.
Note 10: Load regulation is measured at constant junction temperature using low duty cycle pulse testing. Two separate tests are performed, one for the range
of 100
μA to 1 mA and one for the 1 mA to 75 mA range. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
Note 11: Dropout dectection comparator thresholds are expressed as changes in a 5V output. To express the threshold voltages in terms of a differential at the
Feedback terminal, divide by the error amplifier gain = V
OUT/V REF.
Note 12: The shutdown input equivalent circuit is the base of a grounded-emitter NPN transistor in series with a current-limiting resistor. Pulling the shutdown
input high turns off the main regulator. For more details, see Application Hints.
Note 13: The auxiliary regulator output has foldback limiting, which means the output current reduces with output voltage. The tested limit is for V
OUT = 0V, so
the output current will be higher at higher output voltages.
Note 14: This test is performed with the auxiliary comparator output sinking 400
μA of current. At the upper trip point, the comparator output must be
≥2.4V. At
the low trip point, the comparator output must be
≤ 0.4V.
5
www.national.com
11339 Version 8 Revision 4
Print Date/Time: 2009/12/07 17:53:15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com