Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TL Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM48822TL
Description  Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with CommonMode Sense, and I2C Volume Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48822TL Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM48822TL Datasheet HTML 1Page - National Semiconductor (TI) LM48822TL Datasheet HTML 2Page - National Semiconductor (TI) LM48822TL Datasheet HTML 3Page - National Semiconductor (TI) LM48822TL Datasheet HTML 4Page - National Semiconductor (TI) LM48822TL Datasheet HTML 5Page - National Semiconductor (TI) LM48822TL Datasheet HTML 6Page - National Semiconductor (TI) LM48822TL Datasheet HTML 7Page - National Semiconductor (TI) LM48822TL Datasheet HTML 8Page - National Semiconductor (TI) LM48822TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Connection Diagrams
TL Package
2mm x 2mm x 0.8mm
30061011
Top View
Order Number LM48822TL
See NS Package Number TLA1611A
16–Bump micro SMD Marking
30061017
Top View
XY = Date code
TT = Die traceability
G = Boomer Family
K1 = LM48822TL
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com