Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM48822TL
Description  Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with CommonMode Sense, and I2C Volume Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48822TL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM48822TL Datasheet HTML 1Page - National Semiconductor (TI) LM48822TL Datasheet HTML 2Page - National Semiconductor (TI) LM48822TL Datasheet HTML 3Page - National Semiconductor (TI) LM48822TL Datasheet HTML 4Page - National Semiconductor (TI) LM48822TL Datasheet HTML 5Page - National Semiconductor (TI) LM48822TL Datasheet HTML 6Page - National Semiconductor (TI) LM48822TL Datasheet HTML 7Page - National Semiconductor (TI) LM48822TL Datasheet HTML 8Page - National Semiconductor (TI) LM48822TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
July 10, 2008
LM48822
Ground-Referenced, Ultra High PSRR, Ultra Low Noise,
35mW/Channel Stereo Headphone Amplifier with Common
Mode Sense, and I2C Volume Control
General Description
The LM48822 is a single supply, ground-referenced stereo
headphone amplifier designed for portable devices, such as
cell phones, where board space is at a premium. The
LM48822 features National’s ground-referenced architecture,
which eliminates the large DC blocking capacitor required by
traditional headphone amplifiers, saving board space and
minimizing system cost.
The LM48822 features common-mode sensing that corrects
for any differences between the amplifier ground and the po-
tential at the headphone return terminal, minimizing noise
created by any ground mismatches.
The LM48822 delivers 35mW/channel into a 16
Ω load with
<1% THD+N with a 3.6V supply. High power supply rejection
ratio (PSRR), of 110dB at 217Hz, allows the device to operate
in noisy environments without additional power supply condi-
tioning. Flexible power supply requirements allow operation
from 2.4V to 5.5V. The LM48822 has a differential inputs for
improved noise rejection. High output impedance in Shut-
down mode, combined with a charge pump-only mode allows
the LM48822's outputs to be driven by an external source
without degrading the source signal. Additionally, the
LM48822 features a 64-step I2C volume control and mute
function. The low power Shutdown mode reduces supply cur-
rent consumption to 0.06µA.
Superior click and pop suppression eliminates audible tran-
sients on power-up/down and during shutdown. The
LM48822 is available in an ultra-small 16-bump micro SMD
package (2mmx2mm)
Key Specifications
■ Output Power/channel at V
DD = 3.6V
R
L = 16Ω, THD+N ≤ 1%
35mW (typ)
■ Output Power/channel at V
DD = 3.6V
R
L = 32Ω, THD+N ≤ 1%
40mW (typ)
■ Quiescent Power Supply Current
at 3.6V
3.5mA (typ)
■ PSRR at 217Hz
110dB (typ)
■ Shutdown current
0.06μA (typ)
Features
■ Ground Referenced Outputs – Eliminates Output Coupling
Capacitors
■ Common-Mode Sense
■ Ultra-High PSRR
■ I2C Volume and Mode Control
■ High Output Impedance in Shutdown
■ Differential Inputs
■ Advanced Click-and-Pop Suppression
■ Low Supply Current
■ Minimum external components
■ Micro-power shutdown
■ Available in space-saving 16-bump µSMD package
Applications
■ Mobile Phones
■ PDAs
■ Notebook PCs
■ Portable Electronic Devices
■ MP3 Players
Boomer® is a registered trademark of National Semiconductor Corporation.
© 2008 National Semiconductor Corporation
300610
www.national.com


Similar Part No. - LM48822TL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48822TL/NOPB TI1-LM48822TL/NOPB Datasheet
1,012Kb / 22P
Ground-Referenced Ultra High PSRR Ultra Low Noise 35mW/Channel Stereo Headphone Amplifier
LM48822TL/NOPB TI2-LM48822TL/NOPB Datasheet
564Kb / 22P
LM48822 Boomer ™ Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with Common Mode Sense, and I2C Volume
REVISED MAY 2013
LM48822TL/NOPB.A TI2-LM48822TL/NOPB.A Datasheet
564Kb / 22P
LM48822 Boomer ™ Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with Common Mode Sense, and I2C Volume
REVISED MAY 2013
LM48822TLEVAL TI1-LM48822TLEVAL Datasheet
1,012Kb / 25P
Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier
LM48822TLEVAL TI1-LM48822TLEVAL Datasheet
1,012Kb / 22P
Ground-Referenced Ultra High PSRR Ultra Low Noise 35mW/Channel Stereo Headphone Amplifier
More results

Similar Description - LM48822TL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4982 NSC-LM4982 Datasheet
1Mb / 21P
Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48822 TI1-LM48822_14 Datasheet
1,012Kb / 25P
Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48822 TI1-LM48822 Datasheet
1,012Kb / 22P
Ground-Referenced Ultra High PSRR Ultra Low Noise 35mW/Channel Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com