Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TL Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM48822TL
Description  Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with CommonMode Sense, and I2C Volume Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48822TL Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM48822TL Datasheet HTML 6Page - National Semiconductor (TI) LM48822TL Datasheet HTML 7Page - National Semiconductor (TI) LM48822TL Datasheet HTML 8Page - National Semiconductor (TI) LM48822TL Datasheet HTML 9Page - National Semiconductor (TI) LM48822TL Datasheet HTML 10Page - National Semiconductor (TI) LM48822TL Datasheet HTML 11Page - National Semiconductor (TI) LM48822TL Datasheet HTML 12Page - National Semiconductor (TI) LM48822TL Datasheet HTML 13Page - National Semiconductor (TI) LM48822TL Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TABLE 1. Device Address
B7
B6
B5
B4
B3
B2
B1
B0 (R/W)
Device
Address
1
1
0
0
0
0
0
0
TABLE 2. I2C Control Registers
Register
Address
Register
Name
B7
B6
B5
B4
B3
B2
B1
B0
0
MODE
CONTROL
0
SDL
SD_BIAS
CP_ONLY
0
MUTE_LE
FT
SDR
MUTE_
RIGHT
1
VOLUME
CONTROL
1
SHDN
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
TABLE 3. Mode Control Register
Bit
Name
Value
Description
B6
SDL
0
Left channel enabled
1
Left channel disabled
B5
SD_BIAS
0
Bias enabled
1
Bias disabled
B4
CP_ONLY
0
Normal operation
1
Charge-pump only mode. Amplifiers and Bias disabled.
B3
UNUSED
0
Set B3 to 0
B2
MUTE_LEFT
0
Left channel Normal Operation
1
Left channel Mute
B1
SDR
0
Right channel enabled
1
Right channel disabled. Right channel audio inputs summed
with left channel audio inputs and routed to OUTL
B0
MUTE_RIGHT
0
Right channel Normal Operation
1
Right channel Mute
GENERAL AMPLIFIER FUNCTION
The LM48822 headphone amplifier feature National’s ground
referenced architecture that eliminates the large DC-blocking
capacitors required at the outputs of traditional headphone
amplifiers. A low-noise inverting charge pump creates a neg-
ative supply (CPV
SS) from the positive supply voltage (VDD).
The headphone amplifiers operate from these bipolar sup-
plies, with the amplifier outputs biased about GND, instead of
a nominal DC voltage (typically V
DD/2), like traditional ampli-
fiers. Because there is no DC component to the headphone
output signals, the large DC-blocking capacitors (typically
220
μF) are not necessary, conserving board space and sys-
tem cost, while improving frequency response.
GENERAL AMPLIFIER EXPLANATION
The LM48822 features a differential input stage, which offers
improved noise rejection compared to a single-ended input
amplifier. Because a differential input amplifier amplifies the
difference between the two input signals, any component
common to both signals is cancelled. An additional benefit of
the differential input structure is the possible elimination of the
DC input blocking capacitors. Since the DC component is
common to both inputs, and thus cancelled by the amplifier,
the LM48822 can be used without input coupling capacitors
when configured with a differential input signal.
CHARGE PUMP ONLY MODE
In applications where the headphone jack is used as both an
output and input port, signals such as a microphone input can
appear on the headphone amplifier output. Traditional charge
pump headphone amplifiers can clamp or distort the signals
that appear on their output. Without the charge pump active,
generating the negative voltage supply, the internal protection
diodes of the amplifier clamp the incoming signal, distorting
the negative half cycle, see Figure 5. The LM48822 charge
pump only mode eliminates this problem. In charge pump only
mode, the amplifiers are disabled, while the charge pump re-
mains active. The disabled amplifier outputs present a high
impedance (1M
Ω) load to the incoming signal. The charge
pump maintains the negative rail, allowing the incoming signal
to swing between V
DD and VSS without any interference from
the device.
Set bit B4 (CP_ONLY) of the MODE CONTROL register to 1
for charge pump only mode. Setting CP_ONLY = 1 disables
both the left and right channels, regardless of the status of the
shutdown control bits. Set CP_ONLY = 0 for normal opera-
tion.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com