Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TL Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM48822TL
Description  Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with CommonMode Sense, and I2C Volume Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48822TL Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM48822TL Datasheet HTML 1Page - National Semiconductor (TI) LM48822TL Datasheet HTML 2Page - National Semiconductor (TI) LM48822TL Datasheet HTML 3Page - National Semiconductor (TI) LM48822TL Datasheet HTML 4Page - National Semiconductor (TI) LM48822TL Datasheet HTML 5Page - National Semiconductor (TI) LM48822TL Datasheet HTML 6Page - National Semiconductor (TI) LM48822TL Datasheet HTML 7Page - National Semiconductor (TI) LM48822TL Datasheet HTML 8Page - National Semiconductor (TI) LM48822TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (Note 1)
6V
Storage Temperature
−65°C to +150°C
Input Voltage
-0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Rating(Note 4)
2000V
ESD Rating (Note 5)
150V
Junction Temperature
150°C
Thermal Resistance
 θ
JA TLA1611A
63°C/W
Soldering Information
See AN-1112 “Micro SMD Wafer Level Chip Scale package”
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40°C
≤ T
A ≤ +85°C
Supply Voltage (V
DD)
2.4V
≤ V
DD ≤ 5.5V
Electrical Characteristics V
DD = 3.6V (Notes 1, 2)
The following specifications apply for A
V = 0dB, RL = 16Ω, f = 1kHz, unless otherwise specified. Limits apply to TA = 25°C.
Symbol
Parameter
Conditions
LM48822
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, both channels active
R
L = 16Ω
R
L = ∞
3.5
3.5
4.5
4.5
mA (max)
mA (max)
I
SD
Shutdown Current
Shutdown Enabled
0.06
1.2
µA (max)
V
OS
Differential Output Offset Voltage V
IN = 0V, RL = 16Ω
1
5
mV (max)
T
WU
Wake Up Time
200
μs
A
V
Voltage Gain
Minimum Gain Setting
–59.5
+0.5
–0.5
dB (max)
dB (min)
Maximum Gain Setting
3.8
+0.5
–0.5
dB (max)
dB (min)
R
IN
Input Resistance
A
V = 4dB
A
V = –60dB
25
60
30
70
k
Ω (max)
k
Ω (max)
P
O
Output Power
R
L= 16Ω, f = 1kHz, THD+N = 1%
Single channel
Two channels in phase
70
35
27
mW
mW (min)
R
L= 32Ω, f = 1kHz, THD+N = 1%
Single channel
Two channels in phase
65
40
mW
mW
THD+N
Total Harmonic Distortion +
Noise
P
O = 50mW, f = 1kHz, RL = 16Ω
single channel
0.04
%
P
O = 40mW, f = 1kHz, RL = 32Ω
single channel
0.02
%
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVP-P, Inputs AC GND
C
IN = 1μF, input referred, SD_BIAS = 0
f
RIPPLE = 217Hz
f
RIPPLE = 1kHz
 
 
 
110
100
 
 
 
100
 
 
 
dB (min)
dB
CMRR
Common Mode Rejection Ratio
V
RIPPLE = 1VP-P
95
dB
X
TALK
Crosstalk
R
L ≥ 16Ω, POUT = 1.6mW, f = 1kHz
80
70
dB (min)
R
L ≥ 10kΩ, VOUT = 1VRMS, f = 1kHz
95
85
dB (min)
SNR
Signal-to-Noise Ratio
R
L = 16Ω, f = 1kHz
100
dB
∈
OS
Output Noise
A
V = 4dB, Input referred
A-Weighted Filter
7
μV
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com