Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5000EP Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5000EP
Description  Enhanced Plastic High Voltage Switch Mode Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5000EP Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5000EP Datasheet HTML 1Page - National Semiconductor (TI) LM5000EP Datasheet HTML 2Page - National Semiconductor (TI) LM5000EP Datasheet HTML 3Page - National Semiconductor (TI) LM5000EP Datasheet HTML 4Page - National Semiconductor (TI) LM5000EP Datasheet HTML 5Page - National Semiconductor (TI) LM5000EP Datasheet HTML 6Page - National Semiconductor (TI) LM5000EP Datasheet HTML 7Page - National Semiconductor (TI) LM5000EP Datasheet HTML 8Page - National Semiconductor (TI) LM5000EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pin Description
Pin
Name
Function
1
COMP
Compensation network connection. Connected to the output of the voltage error amplifier.
The RC compenstion network should be connected from this pin to AGND. An additional
100pF high frequency capacitor to AGND is recommended.
2
FB
Output voltage feedback input.
3
SHDN
Shutdown control input, Open = enable, Ground = disable.
4
AGND
Analog ground, connect directly to PGND.
5
PGND
Power ground.
6
PGND
Power ground.
7
PGND
Power ground.
8
PGND
Power ground.
9
SW
Power switch input. Switch connected between SW pins and PGND pins
10
SW
Power switch input. Switch connected between SW pins and PGND pins
11
SW
Power switch input. Switch connected between SW pins and PGND pins
12
BYP
Bypass-Decouple Capacitor Connection, 0.1µF ceramic capacitor recommended.
13
V
IN
Analog power input. A small RC filter is recommended, to suppress line glitches. Typical
values of 10
Ω and ≥ 0.1µF are recommended.
14
SS
Softstart Input. External capacitor and internal current source sets the softstart time.
15
FS
Switching frequency select input. Open = F
high. Ground = Flow
16
TEST
Factory test pin, connect to ground.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com