Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5000EP Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5000EP
Description  Enhanced Plastic High Voltage Switch Mode Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5000EP Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM5000EP Datasheet HTML 10Page - National Semiconductor (TI) LM5000EP Datasheet HTML 11Page - National Semiconductor (TI) LM5000EP Datasheet HTML 12Page - National Semiconductor (TI) LM5000EP Datasheet HTML 13Page - National Semiconductor (TI) LM5000EP Datasheet HTML 14Page - National Semiconductor (TI) LM5000EP Datasheet HTML 15Page - National Semiconductor (TI) LM5000EP Datasheet HTML 16Page - National Semiconductor (TI) LM5000EP Datasheet HTML 17Page - National Semiconductor (TI) LM5000EP Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Operation (Continued)
at the switch pin is caused by the output diode capacitance
and the transformer leakage inductance forming a resonant
circuit at the secondary(ies). The resonant circuit generates
the “ringing” voltage, which gets reflected back through the
transformer to the switch pin. There are two common meth-
ods to avoid this problem. One is to add an RC snubber
around the output rectifier(s). The values of the resistor and
the capacitor must be chosen so that the voltage at the
Switch pin does not drop below −0.4V. The resistor may
range in value between 10
Ω and1kΩ, and the capacitor will
vary from 0.001 µF to 0.1 µF. Adding a snubber will (slightly)
reduce the efficiency of the overall circuit.
The other method to reduce or eliminate the “ringing” is to
insert a Schottky diode clamp between the SW pin and the
PGND pin. The reverse voltage rating of the diode must be
greater than the switch off voltage.
OUTPUT VOLTAGE LIMITATIONS
The maximum output voltage of a boost regulator is the
maximum switch voltage minus a diode drop. In a flyback
regulator, the maximum output voltage is determined by the
turns ratio, N, and the duty cycle, D, by the equation:
V
OUT
≈ NxV
IN xD/(1−D)
The duty cycle of a flyback regulator is determined by the
following equation:
Theoretically, the maximum output voltage can be as large
as desired — just keep increasing the turns ratio of the trans-
former. However, there exists some physical limitations that
prevent the turns ratio, and thus the output voltage, from
increasing to infinity. The physical limitations are capaci-
tances and inductances in the LM5000EP switch, the output
diode(s), and the transformer — such as reverse recovery
time of the output diode (mentioned above).
INPUT LINE CONDITIONING
A small, low-pass RC filter should be used at the input pin of
the LM5000EP if the input voltage has an unusually large
amount of transient noise. Additionally, the RC filter can
reduce the dissipation within the device when the input
voltage is high.
Flyback Regulator Operation
The LM5000EP is ideally suited for use in the flyback regu-
lator topology. The flyback regulator can produce a single
output voltage, or multiple output voltages.
The operation of a flyback regulator is as follows: When the
switch is on, current flows through the primary winding of the
transformer, T1, storing energy in the magnetic field of the
transformer. Note that the primary and secondary windings
are out of phase, so no current flows through the secondary
when current flows through the primary. When the switch
turns off, the magnetic field collapses, reversing the voltage
polarity of the primary and secondary windings. Now rectifier
D5 is forward biased and current flows through it, releasing
the energy stored in the transformer. This produces voltage
at the output.
The output voltage is controlled by modulating the peak
switch current. This is done by feeding back a portion of the
output voltage to the error amp, which amplifies the differ-
ence between the feedback voltage and a 1.259V reference.
The error amp output voltage is compared to a ramp voltage
proportional to the switch current (i.e., inductor current dur-
ing the switch on time). The comparator terminates the
switch on time when the two voltages are equal, thereby
controlling the peak switch current to maintain a constant
output voltage.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com