Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5000EP Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5000EP
Description  Enhanced Plastic High Voltage Switch Mode Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5000EP Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM5000EP Datasheet HTML 1Page - National Semiconductor (TI) LM5000EP Datasheet HTML 2Page - National Semiconductor (TI) LM5000EP Datasheet HTML 3Page - National Semiconductor (TI) LM5000EP Datasheet HTML 4Page - National Semiconductor (TI) LM5000EP Datasheet HTML 5Page - National Semiconductor (TI) LM5000EP Datasheet HTML 6Page - National Semiconductor (TI) LM5000EP Datasheet HTML 7Page - National Semiconductor (TI) LM5000EP Datasheet HTML 8Page - National Semiconductor (TI) LM5000EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings (Note 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
-0.3V to 40V
SW Voltage
-0.3V to 80V
FB Voltage
-0.3V to 5V
COMP Voltage
-0.3V to 3V
All Other Pins
-0.3V to 7V
Maximum Junction Temperature
150˚C
Power Dissipation(Note 5)
Internally Limited
Lead Temperature
216˚C
Infrared (15 sec.)
235˚C
ESD Susceptibility (Note 6)
Human Body Model
2kV
Machine Model
200V
Storage Temperature
−65˚C to +150˚C
Operating Conditions
Operating Junction
Temperature Range
(Note 10)
−40˚C to +125˚C
Supply Voltage (Note 10)
3.1V to 40V
Electrical Characteristics
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C) Unless otherwise specified. VIN = 12V and IL = 0A, unless otherwise specified.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 8)
Max
(Note 7)
Units
I
Q
Quiescent Current
FB = 2V (Not Switching)
FS=0V
2.0
2.5
mA
FB = 2V (Not Switching)
FS = Open
2.1
2.5
mA
V
SHDN =0V
18
30
µA
V
FB
Feedback Voltage
1.2330
1.259
1.2840
V
I
CL
Switch Current Limit
1.35
2.0
2.7
A
%V
FB/
∆V
IN
Feedback Voltage Line
Regulation
3.1V
≤ V
IN
≤ 40V
0.001
0.04
%/V
I
B
FB Pin Bias Current (Note 9)
55
200
nA
BV
Output Switch Breakdown
Voltage
T
J = 25˚C, ISW = 0.1µA
80
V
T
J = -40˚C to + 125˚C, ISW =
0.5µA
76
V
IN
Input Voltage Range
3.1
40
V
g
m
Error Amp Transconductance
∆I = 5µA
150
410
750
µmho
A
V
Error Amp Voltage Gain
280
V/V
D
MAX
Maximum Duty Cycle
LM5000-3EP
FS=0V
85
90
%
Maximum Duty Cycle
LM5000-6EP
FS=0V
85
90
%
T
MIN
Minimum On Time
165
ns
f
S
Switching Frequency
LM5000-3EP
FS=0V
240
300
360
kHz
FS = Open
550
700
840
Switching Frequency
LM5000-6EP
FS=0V
485
600
715
FS = Open
1.055
1.3
1.545
MHz
I
SHDN
Shutdown Pin Current
V
SHDN =0V
−1
-2
µA
I
L
Switch Leakage Current
V
SW = 80V
0.008
5
µA
R
DSON
Switch R
DSON
I
SW = 1A
160
445
m
Ω
Th
SHDN
SHDN Threshold
Output High
0.9
0.6
V
Output Low
0.6
0.3
V
UVLO
On Threshold
2.74
2.92
3.10
V
Off Threshold
2.60
2. 77
2.96
V
OVP
V
COMP Trip
0.67
V
I
SS
Softstart Current
8
11
14
µA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com