Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5000EP Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5000EP
Description  Enhanced Plastic High Voltage Switch Mode Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5000EP Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5000EP Datasheet HTML 1Page - National Semiconductor (TI) LM5000EP Datasheet HTML 2Page - National Semiconductor (TI) LM5000EP Datasheet HTML 3Page - National Semiconductor (TI) LM5000EP Datasheet HTML 4Page - National Semiconductor (TI) LM5000EP Datasheet HTML 5Page - National Semiconductor (TI) LM5000EP Datasheet HTML 6Page - National Semiconductor (TI) LM5000EP Datasheet HTML 7Page - National Semiconductor (TI) LM5000EP Datasheet HTML 8Page - National Semiconductor (TI) LM5000EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM5000EP
Enhanced Plastic High Voltage Switch Mode Regulator
General Description
The LM5000EP is a monolithic integrated circuit specifically
designed and optimized for flyback, boost or forward power
converter applications. The internal power switch is rated for
a maximum of 80V, with a current limit set to 2A. Protecting
the power switch are current limit and thermal shutdown
circuits. The current mode control scheme provides excellent
rejection of line transients and cycle-by-cycle current limiting.
An external compensation pin and the built-in slope compen-
sation allow the user to optimize the frequency compensa-
tion. Other distinctive features include softstart to reduce
stresses during start-up and an external shutdown pin for
remote ON/OFF control. There are two operating frequency
ranges available. The LM5000-3EP is pin selectable for
either 300kHz (FS Grounded) or 700kHz (FS Open). The
LM5000-6EP is pin selectable for either 600kHz (FS
Grounded) or 1.3MHz (FS Open). The device is available in
a low profile 16-lead TSSOP package or a thermally en-
hanced 16-lead LLP package.
ENHANCED PLASTIC
•
Extended Temperature Performance of −40˚C to +125˚C
•
Baseline Control - Single Fab & Assembly Site
•
Process Change Notification (PCN)
•
Qualification & Reliability Data
•
Solder (PbSn) Lead Finish is standard
•
Enhanced Diminishing Manufacturing Sources (DMS)
Support
Features
n
80V internal switch
n
Operating input voltage range of 3.1V to 40V
n
Pin selectable operating frequency
300kHz/700kHz (-3)
600kHz/1.3MHz (-6)
n
Adjustable output voltage
n
External compensation
n
Input undervoltage lockout
n
Softstart
n
Current limit
n
Over temperature protection
n
External shutdown
n
Small 16-Lead TSSOP or 16-Lead LLP package
Applications
n
Flyback Regulator
n
Forward Regulator
n
Boost Regulator
n
Distributed Power Converters
n
Selected Military Applications
n
Selected Avionics Applications
Ordering Information
PART NUMBER
VID PART NUMBER
NS PACKAGE NUMBER (Note 3)
LM5000-3MTCEP
V62/04632-01
MTC16
(Notes 1, 2)
TBD
TBD
Note 1: For the following (Enhanced Plastic) version, check for availability: LM5000-3MTCXEP, LM5000SD-3EP, LM5000SD-6EP, LM5000SDX-3EP,
LM5000SDX-6EP. Parts listed with an "X" are provided in Tape & Reel and parts without an "X" are in Rails.
Note 2: FOR ADDITIONAL ORDERING AND PRODUCT INFORMATION, PLEASE VISIT THE ENHANCED PLASTIC WEB SITE AT: www.national.com/
mil
Note 3: Refer to package details under Physical Dimensions
May 2004
© 2004 National Semiconductor Corporation
DS200983
www.national.com


Similar Part No. - LM5000EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
High Voltage Switch Mode Regulator
LM5000 NSC-LM5000 Datasheet
385Kb / 18P
High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5000 TI1-LM5000 Datasheet
1Mb / 23P
High Voltage Switch Mode Regulator
LM5000 TI-LM5000 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
LM5000 TI2-LM5000 Datasheet
1Mb / 27P
LM5000 High Voltage Switch Mode Regulator
REVISED MARCH 2007
More results

Similar Description - LM5000EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
High Voltage Switch Mode Regulator
LM5002 NSC-LM5002 Datasheet
336Kb / 18P
High Voltage Switch Mode Regulator
LM5001 NSC-LM5001 Datasheet
361Kb / 18P
High Voltage Switch Mode Regulator
LM5000 NSC-LM5000_07 Datasheet
385Kb / 18P
High Voltage Switch Mode Regulator
LM5001 NSC-LM5001_09 Datasheet
392Kb / 18P
High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5001 TI1-LM5001_14 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
LM5000 TI1-LM5000_14 Datasheet
1Mb / 23P
High Voltage Switch Mode Regulator
LM5001 TI-LM5001_15 Datasheet
1Mb / 26P
High-Voltage Switch-Mode Regulator
LM5002 TI-LM5002_15 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
LM5000 TI-LM5000_15 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com