Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP202-12M-2 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PIP202-12M-2
Description  DC-to-DC converter powertrain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIP202-12M-2 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PIP202-12M-2 Datasheet HTML 12Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 13Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 14Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 15Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 16Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 17Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 18Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 19Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Philips Semiconductors
PIP202-12M-2
DC-to-DC converter powertrain
Product data
Rev. 02 — 24 November 2003
17 of 20
9397 750 11943
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
16.2 Solder paste printing
The process of printing the solder paste requires care because of the fine pitch and
small size of the solder lands. A stencil thickness of 0.125 mm is recommended. The
stencil apertures can be made the same size as the PCB lands in Figure 20.
The type of solder paste recommended for MLF packages is “No clean”, Type 3, due
to the difficulty of cleaning flux residues from beneath the MLF package.
All dimensions in mm.
Fig 20. PCB footprint for SOT687-1 package (reflow soldering).
0.4 SP (2
×)
11.15 OA
(2
×)
7.6 Cu
(2
×)
10.8 Cu
(2
×)
0.9 SP
(10
×)
0.5 SP
(4
×)
1 SP
(10
×)
8.9 Cu
(2
×)
1 SP
(8
×)
1 SP
(8
×)
0.28 Cu (68
×)
0.4 SP
0.4 SP
0.6 Cu
4.1
8.63 OA
(4
×)
4.1
0.6 Cu
e = 0.5
MGW820
solder lands
Cu pattern
clearance
solder paste
occupied area
0.1
0.2
0.025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com